Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C878BF35110SA0J Datasheet(PDF) 3 Page - Kemet Corporation

Part # C878BF35110SA0J
Description  Motor Run Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C878BF35110SA0J Datasheet(HTML) 3 Page - Kemet Corporation

  C878BF35110SA0J Datasheet HTML 1Page - Kemet Corporation C878BF35110SA0J Datasheet HTML 2Page - Kemet Corporation C878BF35110SA0J Datasheet HTML 3Page - Kemet Corporation C878BF35110SA0J Datasheet HTML 4Page - Kemet Corporation C878BF35110SA0J Datasheet HTML 5Page - Kemet Corporation C878BF35110SA0J Datasheet HTML 6Page - Kemet Corporation C878BF35110SA0J Datasheet HTML 7Page - Kemet Corporation C878BF35110SA0J Datasheet HTML 8Page - Kemet Corporation C878BF35110SA0J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3063_C87 • 11/20/2015
3
Motor Run Capacitors
C87 Series, Cylindrical Aluminum Case, Overpressure Protection 420 VAC/470 VAC
Performance Characteristics
Type of Service
Continuous
Operating Class
C87/8
Class B 10,000 hours at 470 VAC, Class A 30,000 hours at 420 VAC
C87/0
Class B 10,000 hours at 420 VAC, Class C 3,000 hours at 470 VAC
C87/1
None
C87/5
None
Temperature Range
-25 to +85°C
Rated Voltage
470 VAC
Rated Frequency
50 – 60 Hz
Voltage Rise/Fall Time
(Maximum)
0 = 15 V/μs
8 = 20 V/μs
Maximum Permissible Voltage
1.10 x rated voltage
Maximum Permissible Current
1.30 x rated current
Dissipation Factor (DF)
20 x 10 -4 at +20°C, 50Hz
Safety Class
P2
Maximum Altitude
2,000 m
Capacitance Tolerance
±5%
Mounting
Any position
Case
Aluminium
Disk
Thermoplastic Polymer V0 (UL 94)
Plastic deck with:
- self-extinguishing features V0 (UL94)
- GWT–GWFI–GWIT value in conformity with the Standard IEC60335-1
ed.4 par.30/EN60335-1 ed.3 par.30
Filling Resin
Polyurethane
Dielectric
Polypropylene
Plates
Self-healing metal layer
Test Voltage Terminal to
Terminal (V
TT)
2 V
n for 2 seconds
Test Voltage Terminal to Can
(V
TC)
2,000 V for 2 seconds
Total Harmonic Distortion
Up to 10%
Fire Load
40 MJ/kg
Air Distance Between Live
Parts
≥ 5 mm
Air Distance Between Live
Parts and Case
≥ 6 mm
Vibration Test
IEC 68-2-6
Maximum Tightening Torque
5 Nm (M8), 10 Nm (M12)


Similar Part No. - C878BF35110SA0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C878BF34300AA0J KEMET-C878BF34300AA0J Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
C878BF34300AA0K KEMET-C878BF34300AA0K Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
C878BF34300AA0R KEMET-C878BF34300AA0R Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
C878BF34300AA0X KEMET-C878BF34300AA0X Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
C878BF34300AA1J KEMET-C878BF34300AA1J Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
More results

Similar Description - C878BF35110SA0J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32329 TDK-B32329_16 Datasheet
128Kb / 8P
   Motor run capacitors
B32328 TDK-B32328_16 Datasheet
128Kb / 8P
   Motor run capacitors
logo
Cornell Dubilier Electr...
MPF CDE-MPF Datasheet
347Kb / 4P
   AC Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com