Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERK610Z681 Datasheet(PDF) 7 Page - Kemet Corporation

Part # ERK610Z681
Description  Radial Leaded Ceramic Disc Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ERK610Z681 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button ERK610Z681 Datasheet HTML 3Page - Kemet Corporation ERK610Z681 Datasheet HTML 4Page - Kemet Corporation ERK610Z681 Datasheet HTML 5Page - Kemet Corporation ERK610Z681 Datasheet HTML 6Page - Kemet Corporation ERK610Z681 Datasheet HTML 7Page - Kemet Corporation ERK610Z681 Datasheet HTML 8Page - Kemet Corporation ERK610Z681 Datasheet HTML 9Page - Kemet Corporation ERK610Z681 Datasheet HTML 10Page - Kemet Corporation ERK610Z681 Datasheet HTML 11Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1083_ERK610 • 9/13/2016
7
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, ERK610 Series, Encapsulated, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Soldering and Mounting Information
Soldering Specifications
Solderability
Resistance to Soldering
Heat
Soldering Temperature
235°C ± 5°C
260°C ± 5°C
Solder Duration
2 seconds ± 0.5 seconds
10 seconds ± 1.0 seconds
Distance from
component body
≥ 2 mm
≥ 5 mm
CSA (cUL recognition)
C 22.2 No. 1-M90 (Ur=250 VAC)
216038
Soldering test for capacitors with wire leads: (according to IEC 60068-2-20, solder bath method)
Sodering Recommendations
When soldering this product to a PCB/PWB, do not exceed the solder heat resistance specification of the capacitor.
Subjecting this product to excessive heating could reflow the solder joint between the lead and ceramic element and/or may
result in thermal shocks that can crack the ceramic element.
Cleaning Recommendations
The components should be cleaned immediately following the soldering operation with vapor degreasers.
Marking
IEC 60384-14 Marking
Approval
Markings
Rated Capacitance
(3 Characters)
Capacitance
Tolerance Code
(1 Character)
Series Name
Front
Back
Capacitor Class
and Rated Voltage
EVOX RIFA
Trademark1
Capacitance
Tolerance Code
(1 Character)
Series Name
Rated Capacitance
(3 Characters)
Capacitor
Class and
Rated Voltage
EVOX RIFA
Trademark1
1
EVOX RIFA and all associated products were acuired by KEMET in 2007. The EVOX RIFA trademark is still used on the capacitor marking.


Similar Part No. - ERK610Z681

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ERK610Z471MCRA KEMET-ERK610Z471MCRA Datasheet
83Kb / 1P
   Ceramic, Safety, ERK610, 470 pF, 20%, Y5U, Lead Spacing = 7.5mm
ERK610Z472MCRU KEMET-ERK610Z472MCRU Datasheet
84Kb / 1P
   Ceramic, Safety, ERK610, 4700 pF, 20%, Y5U, Lead Spacing = 7.5mm
More results

Similar Description - ERK610Z681

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
KJY KEMET-KJY Datasheet
1Mb / 16P
   Radial Leaded Ceramic Disc Capacitors
1/24/2023
ERP610W102MDF0 KEMET-ERP610W102MDF0 Datasheet
1Mb / 10P
   Radial Leaded Ceramic Disc Capacitors
logo
Vishay Siliconix
HVCCSERIES VISHAY-HVCCSERIES Datasheet
202Kb / 11P
   High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
01-Jan-2022
HVCC VISHAY-HVCC Datasheet
190Kb / 10P
   High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
logo
Kemet Corporation
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com