Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C20ALGR5220AASK Datasheet(PDF) 6 Page - Kemet Corporation

Part # C20ALGR5220AASK
Description  Aluminum Can Power Film Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C20ALGR5220AASK Datasheet(HTML) 6 Page - Kemet Corporation

  C20ALGR5220AASK Datasheet HTML 1Page - Kemet Corporation C20ALGR5220AASK Datasheet HTML 2Page - Kemet Corporation C20ALGR5220AASK Datasheet HTML 3Page - Kemet Corporation C20ALGR5220AASK Datasheet HTML 4Page - Kemet Corporation C20ALGR5220AASK Datasheet HTML 5Page - Kemet Corporation C20ALGR5220AASK Datasheet HTML 6Page - Kemet Corporation C20ALGR5220AASK Datasheet HTML 7Page - Kemet Corporation C20ALGR5220AASK Datasheet HTML 8Page - Kemet Corporation C20ALGR5220AASK Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3050_C44P_RADIAL • 7/16/2014
6
Power and AC Film Capacitors
Aluminum Can Power Film Capacitors – C44P/C20A Series, 250 – 1,000 VAC, 400 – 1,400 VDC, for PFC and AC Filter
Marking
Dissipation Factor
Dissipation factor is a complex function involved with the inefficiency of the capacitor. The tgδ may change up and down with increased
temperature. For more information, please refer to Performance Characteristics.
Sealing
Hermetically Sealed Capacitors
When the temperature increases, the pressure inside the capacitor increases. If the internal pressure is high enough, it can cause a
breach in the capacitor which can result in leakage, impregnation, filling fluid or moisture susceptibility.
Resin Encased/Wrap & Fill Capacitors
The resin seals on resin encased and wrap and fill capacitors will withstand short-term exposure to high humidity environments without
degradation. Resins and plastic tapes will form a pseudo-impervious barrier to humidity and chemicals. These case materials are
somewhat porous and through osmosis can cause contaminants to enter the capacitor. The second area of contaminated absorption
is the lead-wire/resin interface. Since resins cannot bond 100% to tinned wires, there can be a path formed up to the lead wire into the
capacitor section. Aqueous cleaning of circuit boards can aggravate this condition.
Barometric Pressure
The altitude at which hermetically sealed capacitors are operated controls the voltage rating of the capacitor. As the barometric
pressure decreases, the susceptibility to terminal arc-over increases. Non-hermetic capacitors can be affected by internal stresses due
to pressure changes. This can be in the form of capacitance changes or dielectric arc-over as well as low insulation resistance. Heat
transfer can also be affected by altitude operation. Heat generated in operation cannot be dissipated properly and can result in high RI2
losses and eventual failure.
Radiation
Radiation capabilities of capacitors must be taken into consideration. Electrical degradation in the form of dielectric embitterment can
take place causing shorts or opens.


Similar Part No. - C20ALGR5220AASK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C20ALGR5680AASK KEMET-C20ALGR5680AASK Datasheet
104Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C20A, 68 uF, 10%, 1,400 V, 640 V
C20ALGR5680AASK KEMET-C20ALGR5680AASK_17 Datasheet
104Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C20A, 68 uF, 10%, 1,400 V, 640 V
More results

Similar Description - C20ALGR5220AASK

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-UQ2G221HA PANASONIC-EET-UQ2G221HA Datasheet
242Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EET-ED2W101CA PANASONIC-EET-ED2W101CA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
ECE-P2GA222HA PANASONIC-ECE-P2GA222HA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLCW NIC-NRLCW_14 Datasheet
102Kb / 7P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com