Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4GAFUD4680AA1K Datasheet(PDF) 4 Page - Kemet Corporation

Part # C4GAFUD4680AA1K
Description  Printed Circuit Board Mount Power Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4GAFUD4680AA1K Datasheet(HTML) 4 Page - Kemet Corporation

  C4GAFUD4680AA1K Datasheet HTML 1Page - Kemet Corporation C4GAFUD4680AA1K Datasheet HTML 2Page - Kemet Corporation C4GAFUD4680AA1K Datasheet HTML 3Page - Kemet Corporation C4GAFUD4680AA1K Datasheet HTML 4Page - Kemet Corporation C4GAFUD4680AA1K Datasheet HTML 5Page - Kemet Corporation C4GAFUD4680AA1K Datasheet HTML 6Page - Kemet Corporation C4GAFUD4680AA1K Datasheet HTML 7Page - Kemet Corporation C4GAFUD4680AA1K Datasheet HTML 8Page - Kemet Corporation C4GAFUD4680AA1K Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3040_C4G_AXIAL • 4/20/2016
4
Power and AC Film Capacitors
Printed Circuit Board Mount Power Film Capacitors – C4G Series, Axial Round, 250 – 850 VDC/160 – 450 VAC
Table 1 – Ratings & Part Number Reference
(1) A = No fire retardant; S = fire retardant (on request)
(2) U = Tape and resin protection; 0 = unprotected (on request)
(3) K = ±10%, J = ±5%
Cap Value
(µF)
VDC
VAC Peak
VDC
Maximum
Dimensions
(mm)
Ripple
Current
Peak
Current
ESR
(Maximum) dV/dt
(V/
µs)
Packaging
Quantity
Part Number
D
L
100 kHz
70°C (A)
(A)
100 kHz
(mΩ)
1
250
160
400
11
20.5
6
60
6.7
60
500
C4G(1)D(2)B4100AA4(3)
2.2
250
160
400
11.5
33
6
66
10.9
30
300
C4G(1)D(2)B4220AA0(3)
2.5
250
160
400
12
33
7
75
9.8
30
300
C4G(1)D(2)B4250AA0(3)
3
250
160
400
13.5
33
8
90
8.2
30
250
C4G(1)D(2)C4300AA0(3)
3.3
250
160
400
14
33
9
99
7.5
30
250
C4G(1)D(2)C4330AA0(3)
4
250
160
400
15.5
33
9
120
6.4
30
200
C4G(1)D(2)C4400AA0(3)
5
250
160
400
17
33
9
150
5.4
30
150
C4G(1)D(2)C4500AA0(3)
6.8
250
160
400
19.5
33
9
204
4.4
30
100
C4G(1)D(2)C4680AA0(3)
10
250
160
400
20
44
9
200
5.3
20
100
C4G(1)D(2)C5100AA1(3)
15
250
160
400
24.5
44
12
300
3.9
20
50
C4G(1)D(2)D5150AA1(3)
20
250
160
400
28
44
12
400
3.4
20
50
C4G(1)D(2)D5200AA1(3)
25
250
160
400
31
44
12
500
3.1
20
50
C4G(1)D(2)D5250AA1(3)
30
250
160
400
29
58
12
450
4
15
30
C4G(1)D(2)D5300AA3(3)
40
250
160
400
33.5
58
12
600
3.5
15
30
C4G(1)D(2)D5400AA3(3)
0.47
400
250
600
9.5
28
6
28
11.1
60
600
C4G(1)F(2)B3470AA5(3)
0.68
400
250
600
10
33
6
31
11.7
45
400
C4G(1)F(2)B3680AA0(3)
1
400
250
600
12
33
7
45
8.3
45
300
C4G(1)F(2)B4100AA0(3)
1.5
400
250
600
14.5
33
9
68
5.8
45
200
C4G(1)F(2)C4150AA0(3)
2
400
250
600
16.5
33
9
90
4.7
45
200
C4G(1)F(2)C4200AA0(3)
2.2
400
250
600
17.5
33
9
99
4.4
45
150
C4G(1)F(2)C4220AA0(3)
2.5
400
250
600
18.5
33
9
113
4
45
150
C4G(1)F(2)C4250AA0(3)
3
400
250
600
20
33
9
135
3.6
45
100
C4G(1)F(2)C4300AA0(3)
3.3
400
250
600
18
44
9
99
5.2
30
100
C4G(1)F(2)C4330AA1(3)
4
400
250
600
19.5
44
9
120
4.6
30
100
C4G(1)F(2)C4400AA1(3)
4.7
400
250
600
21
44
9
141
4.1
30
100
C4G(1)F(2)C4470AA1(3)
5
400
250
600
21.5
44
9
150
4
30
100
C4G(1)F(2)C4500AA1(3)
6.8
400
250
600
25
44
12
204
3.2
30
50
C4G(1)F(2)D4680AA1(3)
10
400
250
600
30
44
12
300
2.7
30
50
C4G(1)F(2)D5100AA1(3)
15
400
250
600
31.5
58
12
300
4.8
20
30
C4G(1)F(2)D5150AA3(3)
20
400
250
600
35
58
12
400
4
20
30
C4G(1)F(2)D5200AA3(3)
0.47
600
330
800
11
33
6
28
13.1
60
300
C4G(1)H(2)B3470AA0(3)
0.68
600
330
800
13
33
7
41
9.4
60
300
C4G(1)H(2)B3680AA0(3)
1
600
330
800
15.5
33
9
60
6.6
60
200
C4G(1)H(2)C4100AA0(3)
2
600
330
800
18.5
44
9
80
6.3
40
100
C4G(1)H(2)C4200AA1(3)
2.2
600
330
800
19.5
44
9
88
5.2
40
100
C4G(1)H(2)C4220AA1(3)
3
600
330
800
22.5
44
9
120
4.8
40
70
C4G(1)H(2)C4300AA1(3)
3.3
600
330
800
23.5
44
12
132
4.3
40
70
C4G(1)H(2)D4330AA1(3)
4
600
330
800
25.5
44
12
160
3.8
40
50
C4G(1)H(2)D4400AA1(3)
4.7
600
330
800
27.5
44
12
188
3.5
40
50
C4G(1)H(2)D4470AA1(3)
5
600
330
800
28.5
44
12
200
3.4
40
50
C4G(1)H(2)D4500AA1(3)
6.8
600
330
800
28.5
58
12
204
6.8
30
30
C4G(1)H(2)D4680AA3(3)
10
600
330
800
34.5
58
12
300
5.3
30
30
C4G(1)H(2)D5100AA3(3)
0.47
700
400
1000
14.5
33
8
38
9.5
80
200
C4G(1)J(2)C3470AA0(3)
0.68
700
400
1000
17
33
9
55
7
80
150
C4G(1)J(2)C3680AA0(3)
1
700
400
1000
20.5
33
9
80
5.2
80
100
C4G(1)J(2)C4100AA0(3)
1.5
700
400
1000
20.5
44
9
90
6.4
60
100
C4G(1)J(2)C4150AA1(3)
2
700
400
1000
23.5
44
12
120
5
60
70
C4G(1)J(2)D4200AA1(3)
2.2
700
400
1000
24.5
44
12
132
4.7
60
50
C4G(1)J(2)D4220AA1(3)
3
700
400
1000
28.5
44
12
180
3.9
60
50
C4G(1)J(2)D4300AA1(3)
3.3
700
400
1000
30
44
12
198
3.7
60
50
C4G(1)J(2)D4330AA1(3)
4
700
400
1000
33
44
12
240
3.5
60
50
C4G(1)J(2)D4400AA1(3)
4.7
700
400
1000
29.5
58
12
188
7.9
40
30
C4G(1)J(2)D4470AA3(3)
5
700
400
1000
30.5
58
12
200
7.5
40
30
C4G(1)J(2)D4500AA3(3)
6.8
700
400
1000
35
58
12
272
6.1
40
30
C4G(1)J(2)D4680AA3(3)
Capacitance
Value (µF)
VDC
VAC
D (mm) D (mm) L (mm)
Ripple
Current
Peak
Current
ESR
dV/dt
(V/µs)
Packaging
Quantity
Part Number


Similar Part No. - C4GAFUD4680AA1K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4GAFUD5100AA1J KEMET-C4GAFUD5100AA1J Datasheet
52Kb / 1P
   C4G, Film, Metallized Polypropylene, Power, 10 uF, 5%, 400 V, 250 V, 70C
More results

Similar Description - C4GAFUD4680AA1K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4CAMUB3100AA0J KEMET-C4CAMUB3100AA0J Datasheet
1Mb / 10P
   Printed Circuit Board Mount Power Film Capacitors
logo
Glenair, Inc.
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
logo
Picker Components
PCS20 PICKER-PCS20 Datasheet
231Kb / 2P
   SIL Printed Circuit Board Mount
logo
Glenair, Inc.
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com