Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3272EGP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3272EGP
Description  3.3V, 2.5Gbps Low-Power Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3272EGP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3272EGP Datasheet HTML 2Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 3Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 4Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 5Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 6Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 7Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 8Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 9Page - Maxim Integrated Products MAX3272EGP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Detailed Description
Figure 2 is a functional diagram of the MAX3272/
MAX3272A, comprising a CML input buffer, power
detector and loss-of- signal indicators, gain stage, offset-
correction loop, and CML output buffer.
CML Input Buffer
The input buffer (Figure 3) provides 100
Ω input imped-
ance between IN+ and IN-. DC-coupling the inputs is
not recommended; this prevents the DC offset-correc-
tion circuitry from functioning properly.
Power Detect and
Loss-of-Signal Indicator
The MAX3272/MAX3272A are equipped with loss-of-sig-
nal (LOS) circuitry that indicates when the input signal is
below a programmable threshold, set by resistor RTH at
the TH pin (see the Typical Operating Characteristics for
appropriate resistor selection). An averaging peak-
power detector compares the input signal amplitude
with this threshold and feeds the signal-detect informa-
tion to the LOS outputs, which are internally terminated
to 8k
Ω (Figure 4).
+3.3V, 2.5Gbps Low-Power
Limiting Amplifiers
6
_______________________________________________________________________________________
CML SUPPLY CURRENT (ICC)
VCC
ICC
IOUT
50
RTH
50
CONTROL
SQUELCH
OPEN
LEVEL
OPEN
MAX3272/
MAX3272A
Figure 1. Power-Supply Current Measurement
MAX3272/
MAX3272A
TTL
TTL
CONTROL
POWER
DETECTOR
IN+
IN-
100
POWER DETECTOR AND
LOS INDICATOR
CML
INPUT
BUFFER
CML
OUTPUT
BUFFER
OFFSET
CORRECTION
0.1
µF
LOWPASS
FILTER
LOS
SQUELCH
OUT+
OUT-
LEVEL
OUTPOL
LOS
CAZ1
CAZ2
TH
CLOS
Figure 2. Functional Diagram


Similar Part No. - MAX3272EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3272EGP MAXIM-MAX3272EGP Datasheet
625Kb / 14P
   3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
More results

Similar Description - MAX3272EGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822 MAXIM-MAX3822 Datasheet
1Mb / 14P
   3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
MAX3272 MAXIM-MAX3272 Datasheet
625Kb / 14P
   3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
   2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
   2.5Gbps Burst-Mode Limiting Amplifier
SY88923 MICREL-SY88923_07 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923V MICREL-SY88923V Datasheet
55Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com