Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1165BEUI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1165BEUI
Description  Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1165BEUI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1165BEUI Datasheet HTML 1Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 2Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1165BEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Low-Power, 16-Bit Analog-to-Digital Converter
with Parallel Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +5V, external reference = +4.096V, CREF = 4.7µF, CREFADJ = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INTERNAL REFERENCE
REF Output Voltage
VREF
4.056
4.096
4.136
V
REF Output Tempco
TCREF
±25
ppm/°C
REF Short-Circuit Current
IREFSC
±10
mA
Capacitive Bypass at REFADJ
CREFADJ
0.1
µF
Capacitive Bypass at REF
CREF
1µF
REFADJ Input Leakage Current
IREFADJ
20
µA
EXTERNAL REFERENCE
REFADJ Buffer Disable Threshold
To power down the internal reference
AVDD -
0.4
AVDD -
0.1
V
REF Input Voltage Range
Internal reference disabled
3.8
AVDD
V
VREF = +4.096V, fSAMPLE = 165ksps
50
120
REF Input Current
IREF
Shutdown mode
±0.1
µA
DIGITAL INPUTS/OUTPUTS
Input High Voltage
VIH
0.7
×
DVDD
V
Input Low Voltage
VIL
0.3
×
DVDD
V
Input Leakage Current
IIN
VIH = 0 or DVDD
±0.1
±1
µA
Input Hysteresis
VHYST
0.1
V
Input Capacitance
CIN
15
pF
Output High Voltage
VOH
ISOURCE = 0.5mA, DVDD = +2.7V to +5.25V,
AVDD = +5.25V
DVDD -
0.4
V
Output Low Voltage
VOL
ISINK = 1.6mA, DVDD = +2.7V to +5.25V,
AVDD = +5.25V
0.4
V
Three-State Leakage Current
IOZ
D0–D15
±0.1
±10
µA
Three-State Output Capacitance
COZ
15
pF
POWER REQUIREMENTS
Analog Supply Voltage
AVDD
4.75
5.25
V
Digital Supply
DVDD
2.7
AVDD
V
165ksps
2.7
3.2
100ksps
2.0
10ksps
1.0
Internal reference
1ksps
1.0
165ksps
1.8
2.3
100ksps
1.1
10ksps
0.1
Analog Supply Current
IAVDD
External reference
1ksps
0.01
mA


Similar Part No. - MAX1165BEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1165BEUI MAXIM-MAX1165BEUI Datasheet
182Kb / 15P
   Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
Rev 2; 8/08
More results

Similar Description - MAX1165BEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1165 MAXIM-MAX1165 Datasheet
182Kb / 15P
   Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
Rev 2; 8/08
MAX1065 MAXIM-MAX1065 Datasheet
321Kb / 14P
   Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
Rev 0; 4/02
MAX1065 MAXIM-MAX1065_09 Datasheet
371Kb / 14P
   Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
Rev 1; 6/09
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI1-TLC1550I_15 Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com