Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3272 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3272
Description  3.3V, 2.5Gbps Low-Power Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3272 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3272 Datasheet HTML 4Page - Maxim Integrated Products MAX3272 Datasheet HTML 5Page - Maxim Integrated Products MAX3272 Datasheet HTML 6Page - Maxim Integrated Products MAX3272 Datasheet HTML 7Page - Maxim Integrated Products MAX3272 Datasheet HTML 8Page - Maxim Integrated Products MAX3272 Datasheet HTML 9Page - Maxim Integrated Products MAX3272 Datasheet HTML 10Page - Maxim Integrated Products MAX3272 Datasheet HTML 11Page - Maxim Integrated Products MAX3272 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Applications Information
Optical Hysteresis
In an optical receiver, the electrical power change at the
limiting amplifier is 2 times the optical power change.
As an example, if a receiver’s optical input power (x)
increases by a factor of two, and the preamplifier is lin-
ear, then the voltage input to the limiting amplifier also
increases by a factor of two.
The optical power change is 10log(2x / x) = 10log(2) =
+3dB.
At the limiting amplifier, the electrical power change is:
The MAX3272 typical voltage hysteresis is 3.3dB. This
provides an optical hysteresis of 1.65dB.
10log
2V
/ R
V/ R
10log(2 )
20log(2)
6dB
IN
2
IN
IN
2
IN
2
()
==
= +
+3.3V, 2.5Gbps Low-Power
Limiting Amplifiers
_______________________________________________________________________________________
9
1
2
3
4
5
15
14
13
12
11
20
19
18
17
16
67
8
9
10
GND
IN+
IN-
GND
NOTE: EXPOSED PAD MUST BE CONNECTED TO SUPPLY GROUND.
TH
VCC
OUT+
OUT-
VCC
LEVEL
TOP VIEW
QFN*
MAX3272/
MAX3272A
1
2
3
4
5
15
14
13
12
11
20
19
18
17
16
67
8
9
10
GND
IN+
IN-
GND
NOTE: EXPOSED PAD MUST BE CONNECTED TO SUPPLY GROUND.
TH
VCC
OUT+
OUT-
VCC
LEVEL
THIN QFN*
MAX3272A
+
Pin Configuration
Pad Coordinates
PAD
NAME
COORDINATES (µm)
1
GND
47, 836
2
IN+
47, 603
3
IN-
47, 425
4
GND
47, 237
5TH
47, 47
6VCC
255, -154
7
CLOS
436, -154
8
SQUELCH
645, -154
9
LOS
850, -154
10
LOS
1063, -154
11
LEVEL
1331, 37
12
VCC
1331, 212
13
OUT-
1331, 421
14
OUT+
1331, 573
15
VCC
1331, 780
16
OUTPOL
1119, 1042
17
GND
957, 1042
18
CAZ2
773, 1042
19
CAZ1
583, 1042
20
N.C.
422, 1042
21
VCC
268, 1042
Coordinates are for the center of the pad.
Coordinate 0, 0 is the lower left corner of the passivation open-
ing for pad 5.


Similar Part No. - MAX3272

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3272 MAXIM-MAX3272 Datasheet
625Kb / 14P
   3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
MAX3272A MAXIM-MAX3272A Datasheet
625Kb / 14P
   3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
MAX3272AEGP MAXIM-MAX3272AEGP Datasheet
625Kb / 14P
   3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
MAX3272AETP MAXIM-MAX3272AETP Datasheet
625Kb / 14P
   3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
MAX3272E MAXIM-MAX3272E Datasheet
625Kb / 14P
   3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
More results

Similar Description - MAX3272

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822 MAXIM-MAX3822 Datasheet
1Mb / 14P
   3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
MAX3272 MAXIM-MAX3272 Datasheet
625Kb / 14P
   3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
   2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
   2.5Gbps Burst-Mode Limiting Amplifier
SY88923 MICREL-SY88923_07 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923V MICREL-SY88923V Datasheet
55Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com