Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4GADUD5300AA3K Datasheet(PDF) 1 Page - Kemet Corporation

Part # C4GADUD5300AA3K
Description  Printed Circuit Board Mount Power Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4GADUD5300AA3K Datasheet(HTML) 1 Page - Kemet Corporation

  C4GADUD5300AA3K Datasheet HTML 1Page - Kemet Corporation C4GADUD5300AA3K Datasheet HTML 2Page - Kemet Corporation C4GADUD5300AA3K Datasheet HTML 3Page - Kemet Corporation C4GADUD5300AA3K Datasheet HTML 4Page - Kemet Corporation C4GADUD5300AA3K Datasheet HTML 5Page - Kemet Corporation C4GADUD5300AA3K Datasheet HTML 6Page - Kemet Corporation C4GADUD5300AA3K Datasheet HTML 7Page - Kemet Corporation C4GADUD5300AA3K Datasheet HTML 8Page - Kemet Corporation C4GADUD5300AA3K Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3040_C4G_AXIAL • 4/20/2016
1
One world. One KEMET
Benefits
• Self-healing
• Low losses
• High ripple current
• High contact reliability
• Suitable for high frequency applications
• PP metallized
Overview
The C4G Series is a polypropylene metallized film with polyester
tape wrapping filled with resin and tinned copper wires.
Applications
Typical applications include clamping, blocking, coupling/
decoupling, AC harmonic filtering and low power.
Printed Circuit Board Mount Power Film Capacitors
C4G Series, Axial Round, 250 – 850 VDC/160 – 450 VAC
Part Number System
C4
G
A
D
U
B
4100
AA
4
J
Series
Type
Fire Protection Rated Voltage
(VDC)
Insulation Lead Diameter
(mm)
Capacitance Code
(pF)
Packaging
Capacitor
Length (mm) Tolerance
C4 = MKP
Capacitors
G = Round
body,
switching
application
A = No fire
retardant
S = Fire
retardant (on
request)
D = 250
F = 400
H = 600
J = 700
M = 850
U = Polyester
tape & resin
protection
0 =
Uninsulated
(on request)
B = 0.8
C = 1.0
D = 1.2
Digits 2-4 indicate
the first three digits
of the capacitance
value. First digit
indicates the
number of zeros to
be added.
AA = Bulk (Bag) –
Straight Leads
see "Dimensions
Table"
4 = 20.5
5 = 28
0 = 33
1 = 44
3 = 58
J = 5%
K = 10%
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C4GADUD5300AA3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4GAFUD5100AA1J KEMET-C4GAFUD5100AA1J Datasheet
52Kb / 1P
   C4G, Film, Metallized Polypropylene, Power, 10 uF, 5%, 400 V, 250 V, 70C
More results

Similar Description - C4GADUD5300AA3K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4CAMUB3100AA0J KEMET-C4CAMUB3100AA0J Datasheet
1Mb / 10P
   Printed Circuit Board Mount Power Film Capacitors
logo
Glenair, Inc.
050_340 GLENAIR-050_340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
logo
Picker Components
PCS20 PICKER-PCS20 Datasheet
231Kb / 2P
   SIL Printed Circuit Board Mount
logo
Glenair, Inc.
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com