Electronic Components Datasheet Search |
|
C4GADUD5250AA1K Datasheet(PDF) 1 Page - Kemet Corporation |
|
C4GADUD5250AA1K Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 10 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com F3040_C4G_AXIAL • 4/20/2016 1 One world. One KEMET Benefits • Self-healing • Low losses • High ripple current • High contact reliability • Suitable for high frequency applications • PP metallized Overview The C4G Series is a polypropylene metallized film with polyester tape wrapping filled with resin and tinned copper wires. Applications Typical applications include clamping, blocking, coupling/ decoupling, AC harmonic filtering and low power. Printed Circuit Board Mount Power Film Capacitors C4G Series, Axial Round, 250 – 850 VDC/160 – 450 VAC Part Number System C4 G A D U B 4100 AA 4 J Series Type Fire Protection Rated Voltage (VDC) Insulation Lead Diameter (mm) Capacitance Code (pF) Packaging Capacitor Length (mm) Tolerance C4 = MKP Capacitors G = Round body, switching application A = No fire retardant S = Fire retardant (on request) D = 250 F = 400 H = 600 J = 700 M = 850 U = Polyester tape & resin protection 0 = Uninsulated (on request) B = 0.8 C = 1.0 D = 1.2 Digits 2-4 indicate the first three digits of the capacitance value. First digit indicates the number of zeros to be added. AA = Bulk (Bag) – Straight Leads see "Dimensions Table" 4 = 20.5 5 = 28 0 = 33 1 = 44 3 = 58 J = 5% K = 10% Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C4GADUD5250AA1K |
|
Similar Description - C4GADUD5250AA1K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |