Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44BPF13100ZB0J Datasheet(PDF) 2 Page - Kemet Corporation

Part # C44BPF13100ZB0J
Description  ALUMINIUM CASE CAPACITORS SNUBBER APPLICATION FASTON 2.8 TERMINALS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44BPF13100ZB0J Datasheet(HTML) 2 Page - Kemet Corporation

  C44BPF13100ZB0J Datasheet HTML 1Page - Kemet Corporation C44BPF13100ZB0J Datasheet HTML 2Page - Kemet Corporation C44BPF13100ZB0J Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
33
C44B
MKP Series
ALUMINIUM CASE CAPACITORS
SNUBBER APPLICATION
SCREW TERMINALS
Un
Vdc
U
PK
Vdc
U
RMS
Vac
1200
1600
500
2000
2400
630
PEAK VOLTAGE TABLE
Codes
C
Un
Tgδ x 104
ESR Typ.
dv/dt
I
RMS
I
PKR
Case
Approx
Weight
µF
Vdc
Max
Typ.
mΩ
V/µs
A
A
D
H
g
C44BPF13100ZB0J
0.1
1200
5
2
25
500
4
50
25
60
35
C44BPF13150ZB0J
0.15
1200
5
2
24
500
4
75
25
60
35
C44BPF13220ZB0J
0.22
1200
5
2
23
500
5
120
25
60
35
C44BPF13330ZB0J
0.33
1200
5
2
16
500
6
165
25
60
35
C44BPF13470ZB0J
0.47
1200
5
2
10
500
6
235
25
60
35
C44BPF13680ZB0J
0.68
1200
5
2
9
500
6
340
35
60
70
C44BPF14100ZB0J
1
1200
5
2
4
500
6
500
35
60
70
C44BPF14150ZA0J
1.5
1200
5
2
3
500
6
750
45
60
100
C44BWF12470ZA0J
0.047
2000
5
2
30
750
4
35
25
60
35
C44BWF13100ZA0J
0.1
2000
5
2
27
750
5
75
25
60
35
C44BWF13150ZA0J
0.15
2000
5
2
26
750
6
113
25
60
35
C44BWF13220ZA0J
0.22
2000
5
2
25
750
6
165
35
60
70
C44BWF13330ZA0J
0.33
2000
5
2
20
750
6
250
35
60
70
C44BWF13470ZA0J
0.47
2000
5
2
15
750
6
350
40
60
85
C44BWF13680ZA0J
0.68
2000
5
2
10
750
6
510
45
60
100
GENERAL CHARACTERISTICS
2.8
M8
10±0.5


Similar Part No. - C44BPF13100ZB0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44BXFP3220ZC0J KEMET-C44BXFP3220ZC0J Datasheet
89Kb / 1P
   C44B, Film, Metallized Polypropylene, Power, 0.22 uF, 5%, 1000 VAC, 2400 VDC
C44BXFP3470ZA0J KEMET-C44BXFP3470ZA0J Datasheet
89Kb / 1P
   C44B, Film, Metallized Polypropylene, Power, 0.47 uF, 5%, 1000 VAC, 2400 VDC
C44BXFP4100ZB0J KEMET-C44BXFP4100ZB0J Datasheet
89Kb / 1P
   C44B, Film, Metallized Polypropylene, Power, 1 uF, 5%, 1000 VAC, 2400 VDC
More results

Similar Description - C44BPF13100ZB0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44A KEMET-C44A Datasheet
384Kb / 5P
   ALUMINIUM CASE CAPACITORS GENERAL PURPOSE APPLICATION SCREW TERMINALS
logo
Cornell Dubilier Electr...
SNU102K104R-F CDE-SNU102K104R-F Datasheet
107Kb / 1P
   Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
logo
Kemet Corporation
C44E KEMET-C44E Datasheet
263Kb / 2P
   ALUMINIUM CASE CAPACITORS AC FILTER APPLICATIONS
logo
Cornell Dubilier Electr...
SNU CDE-SNU Datasheet
203Kb / 2P
   Snubber Capacitors
logo
Electronic Film Capacit...
MF1206TF EFC-MF1206TF Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206TC EFC-M1206TC Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206EFR EFC-M1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
MF1206TC EFC-MF1206TC Datasheet
13Kb / 1P
   Snubber Capacitors Polypropylene
logo
Vishay Siliconix
131P VISHAY-131P Datasheet
70Kb / 2P
   Film Snubber Capacitors Metal-Case, Paper/Polyester, Dielectric Extended Foil Electrodes
Revision 17-Nov-03
logo
Electronic Film Capacit...
MF1206EFR EFC-MF1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com