Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC40DF271DF500 Datasheet(PDF) 6 Page - Kemet Corporation

Part # ALC40DF271DF500
Description  Snap-In Aluminum Electrolytic Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC40DF271DF500 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button ALC40DF271DF500 Datasheet HTML 2Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 3Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 4Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 5Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 6Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 7Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 8Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 9Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4026_ALC40 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – ALC40 Series, +105ºC
Shelf Life
The capacitance, ESR and impedance of a capacitor will not change significantly after extended storage periods, however
the leakage current will very slowly increase. KEMET products are particularly stable and allow a shelf life in excess of three
years at 40°C. See sectional specification under each product series for specific data.
Re-age (Reforming) Procedure
Apply the rated voltage to the capacitor at room temperature for a period of one hour, or until the leakage current has fallen
to a steady value below the specified limit. During re-aging a maximum charging current of twice the specified leakage
current or 5 mA (whichever is greater) is suggested.
Reliability
The reliability of a component can be defined as the probability that it will perform satisfactorily under a given set of
conditions for a given length of time.
In practice, it is impossible to predict with absolute certainty how any individual component will perform; thus, we must
utilize probability theory. It is also necessary to clearly define the level of stress involved (e.g. operating voltage, ripple
current, temperature and time). Finally, the meaning of satisfactory performance must be defined by specifying a set of
conditions which determine the end of life of the component.
Reliability as a function of time, R(t), is normally expressed as: R(t)=e-λt
where R(t) is the probability that the component will perform satisfactorily for time t, and λ is the failure rate.
Failure Rate
The failure rate is the number of components failing per unit time. The failure rate of most electronic components follows
the characteristic pattern:
• Early failures are removed during the manufacturing process.
• The operational life is characterized by a constant failure rate.
• The wear out period is characterized by a rapidly increasing failure rate.
The failures in time (FIT) are given with a 60% confidence level for the various type codes. By convention, FIT is expressed as
1 x 10-9 failures per hour. Failure rate is also expressed as a percentage of failures per 1,000 hours.
e.g., 100 FIT = 1 x 10-7 failures per hour = 0.01%/1,000 hours
End of Life Definition
Catastrophic Failure: short circuit, open circuit or safety vent operation
Parametric Failure:
• Change in capacitance > ±10%
• Leakage current > specified limit
• ESR > 2 x initial ESR value


Similar Part No. - ALC40DF271DF500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC40 KEMET-ALC40 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56
ALC40A221BB250 KEMET-ALC40A221BB250 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, ALC40, 220 uF, 20%, 250 V, -40/105C
ALC40A682CF063 KEMET-ALC40A682CF063 Datasheet
68Kb / 1P
   ALC40, Aluminum Electrolytic, 105C, 6800 uF, 20%, 63 V, -40/105C
More results

Similar Description - ALC40DF271DF500

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com