Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC40CF181CF500 Datasheet(PDF) 7 Page - Kemet Corporation

Part # ALC40CF181CF500
Description  Snap-In Aluminum Electrolytic Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC40CF181CF500 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button ALC40CF181CF500 Datasheet HTML 3Page - Kemet Corporation ALC40CF181CF500 Datasheet HTML 4Page - Kemet Corporation ALC40CF181CF500 Datasheet HTML 5Page - Kemet Corporation ALC40CF181CF500 Datasheet HTML 6Page - Kemet Corporation ALC40CF181CF500 Datasheet HTML 7Page - Kemet Corporation ALC40CF181CF500 Datasheet HTML 8Page - Kemet Corporation ALC40CF181CF500 Datasheet HTML 9Page - Kemet Corporation ALC40CF181CF500 Datasheet HTML 10Page - Kemet Corporation ALC40CF181CF500 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4026_ALC40 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – ALC40 Series, +105ºC
MTBF
The mean time between failures (MTBF) is simply the inverse of the failure rate.
MTBF= 1/λ
wear out
early failures
operational life
Time
The failure rate is derived from our periodic test results. The failure rate (λ
R) is, therefore, only given at test temperature for
life tests. An estimation is also given at 40°C. The expected failure rate for this capacitor range is based on our periodic test
results for capacitors with structural similarity. Failure rate is frequently quoted in FIT (Failures In Time) where 1 FIT = 1 x 10-9
failures per hour. Failure rate per hour includes both catastrophic and parametric failures.
T
a
Failure Rate per Hour
85°C
250 FIT
40°C
12 FIT
Environmental Compliance
As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental
effects of both our capacitors and their production. In Europe (RoHS Directive) and in some other geographical areas like
China, legislation has been put in place to prevent the use of some hazardous materials, such as lead (Pb), in electronic
equipment. All products in this catalog are produced to help our customers’ obligations to guarantee their products and fulfill
these legislative requirements. The only material of concern in our products has been lead (Pb), which has been removed
from all designs to fulfill the requirement of containing less than 0.1% of lead in any homogeneous material. KEMET will
closely follow any changes in legislation world wide and makes any necessary changes in its products, whenever needed.
Some customer segments such as medical, military and automotive electronics may still require the use of lead in electrode
coatings. To clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels
for RoHS compatible capacitors.
Because of customer requirements, there may appear additional markings such as LF = Lead Free or LFW = Lead Free Wires
on the label.


Similar Part No. - ALC40CF181CF500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC40 KEMET-ALC40 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56
ALC40A221BB250 KEMET-ALC40A221BB250 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, ALC40, 220 uF, 20%, 250 V, -40/105C
ALC40A682CF063 KEMET-ALC40A682CF063 Datasheet
68Kb / 1P
   ALC40, Aluminum Electrolytic, 105C, 6800 uF, 20%, 63 V, -40/105C
More results

Similar Description - ALC40CF181CF500

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com