Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30LW128D110ZE6T Datasheet(PDF) 1 Page - STMicroelectronics

Part # M30LW128D110ZE6T
Description  128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories) 3V Supply, Multiple Memory Product
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30LW128D110ZE6T Datasheet(HTML) 1 Page - STMicroelectronics

  M30LW128D110ZE6T Datasheet HTML 1Page - STMicroelectronics M30LW128D110ZE6T Datasheet HTML 2Page - STMicroelectronics M30LW128D110ZE6T Datasheet HTML 3Page - STMicroelectronics M30LW128D110ZE6T Datasheet HTML 4Page - STMicroelectronics M30LW128D110ZE6T Datasheet HTML 5Page - STMicroelectronics M30LW128D110ZE6T Datasheet HTML 6Page - STMicroelectronics M30LW128D110ZE6T Datasheet HTML 7Page - STMicroelectronics M30LW128D110ZE6T Datasheet HTML 8Page - STMicroelectronics M30LW128D110ZE6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
1/57
PRELIMINARY DATA
February 2003
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M30LW128D
128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories)
3V Supply, Multiple Memory Product
FEATURES SUMMARY
s
TWO M58LW064D 64Mbit FLASH MEMORIES
STACKED IN A SINGLE PACKAGE
s
WIDE x8 or x16 DATA BUS for HIGH
BANDWIDTH
s
SUPPLY VOLTAGE
–VDD = 2.7 to 3.6V for Program, Erase and
Read operations
–VDDQ = 1.8 to VDD for I/O buffers
s
ACCESS TIME
– Random Read 110ns
– Page Mode Read 110/25ns
s
PROGRAMMING TIME
– 16 Word Write Buffer
– 16µs Word effective programming time
s
128 UNIFORM 64 KWord/128KByte MEMORY
BLOCKS
s
BLOCK PROTECTION/ UNPROTECTION
s
PROGRAM and ERASE SUSPEND
s
128 bit PROTECTION REGISTER
s
COMMON FLASH INTERFACE
s
100, 000 PROGRAM/ERASE CYCLES per
BLOCK
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code M30LW128D: 8817h
Figure 1. Packages
TSOP56 (N)
14 x 20 mm
TBGA64 (ZA)
10 x 13mm
TBGA
FBGA
LFBGA88 (ZE)
8 x 10mm


Similar Part No. - M30LW128D110ZE6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQ STMICROELECTRONICS-M30L0R7000B0ZAQ Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQE STMICROELECTRONICS-M30L0R7000B0ZAQE Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQF STMICROELECTRONICS-M30L0R7000B0ZAQF Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M30L0R7000B0ZAQT STMICROELECTRONICS-M30L0R7000B0ZAQT Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
More results

Similar Description - M30LW128D110ZE6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M76DW63000A STMICROELECTRONICS-M76DW63000A Datasheet
404Kb / 27P
   64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 8Mbit/4Mbit SRAM, 3V Supply, Multiple Memory Product
M72DW64000B STMICROELECTRONICS-M72DW64000B Datasheet
102Kb / 19P
   64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 16Mbit Pseudo SRAM, 3V Supply, Multiple Memory Product
October 2003
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
   32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
M59PW1282 STMICROELECTRONICS-M59PW1282 Datasheet
414Kb / 24P
   128Mbit (two 64Mb, x16, Uniform Block, LightFlash?? 3V Supply, Multiple Memory Product
M74DW66500B STMICROELECTRONICS-M74DW66500B Datasheet
295Kb / 19P
   2x 64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 32Mbit Pseudo SRAM, 3V Supply, Multiple Memory Product
M28W320FSU STMICROELECTRONICS-M28W320FSU Datasheet
797Kb / 49P
   32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
   128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com