Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP0504BAHT Datasheet(PDF) 2 Page - Littelfuse

Part # SP0504BAHT
Description  Surface Mount TVS Avalanche Diode Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0504BAHT Datasheet(HTML) 2 Page - Littelfuse

  SP0504BAHT Datasheet HTML 1Page - Littelfuse SP0504BAHT Datasheet HTML 2Page - Littelfuse SP0504BAHT Datasheet HTML 3Page - Littelfuse SP0504BAHT Datasheet HTML 4Page - Littelfuse SP0504BAHT Datasheet HTML 5Page - Littelfuse SP0504BAHT Datasheet HTML 6Page - Littelfuse SP0504BAHT Datasheet HTML 7Page - Littelfuse SP0504BAHT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
221
www.littelfuse .com
5
TVS Diode Arrays
SP0502BA, SP0503BA, SP0504BA, SP0505BA, SP0506BA
Surface Mount TVS Avalanche Diode Array
Electrical Specifications
TA = +25°C, Unless Otherwise Specified
PARAMETER
Reverse Standoff Voltage
Reverse Standoff Leakage Current
Signal Clamp Voltage
Positive
Negative
Clamp Voltage during ESD
MIL-STD-883 Method 3015 (HBM) test
8kV
8kV
ESD Test Level (1)
IEC-61000-2, Contact discharge
MIL-STD-883 Method 3015 (HBM)
Capacitance
Turn on/off Time
Temperature Range
Operating
Storage
Diode Dynamic Resistance
Forward Conduction
Reverse Conduction
TEST CONDITIONS
I = 10µA
V = 5.0V
I = 10mA
I = 10mA
2.5V @ 1Mhz
MIN
5.5
5.6
-1.2
20
30
-40
-65
MAX
-
100
8
-0.4
85
150
UNITS
V
nA
V
V
V
V
kV
kV
pF
ns
°C
°C
TYPICAL
-
1
6.8
-0.8
12
-8
30
<1
1.0
1.4
Note:
(1) ESD voltage applied between channel pins and ground, one pin at a time; all other channel pins are open; all ground pins are grounded.
Absolute Maximum Ratings
Storage Temperature Range
Parameter
Rating
Unit
Package Power Dissipation
SC70
SOT23-3, SOT23-5, SOT23-6, SOT143
TSSOP, MSOP
-65 to + 150
C
0.2
0.225
0.5
W
W
W


Similar Part No. - SP0504BAHT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0504BAHT LITTELFUSE-SP0504BAHT Datasheet
125Kb / 8P
   TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
SP0504BAHTG LITTELFUSE-SP0504BAHTG Datasheet
178Kb / 7P
   SP050xBA Lead-Free/Green Series
SP0504BAHTG LITTELFUSE-SP0504BAHTG Datasheet
373Kb / 9P
   30pF 30kV Unidirectional TVS Array
SP0504BAHTG LITTELFUSE-SP0504BAHTG Datasheet
1Mb / 9P
   30pF 30kV Unidirectional TVS Array
SP0504BAHTG LITTELFUSE-SP0504BAHTG Datasheet
964Kb / 7P
   8pF 15kV Unidirectional TVS Array
More results

Similar Description - SP0504BAHT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0502BAHT LITTELFUSE-SP0502BAHT Datasheet
125Kb / 8P
   TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
logo
Bourns Electronic Solut...
CDSC706-0504F BOURNS-CDSC706-0504F Datasheet
330Kb / 4P
   Surface Mount TVS Diode Array
CDSOT236-0502 BOURNS-CDSOT236-0502 Datasheet
267Kb / 4P
   Surface Mount TVS Diode Array
CDSOT563-0502 BOURNS-CDSOT563-0502 Datasheet
266Kb / 4P
   Surface Mount TVS Diode Array
logo
Weitron Technology
WOST04C WEITRON-WOST04C Datasheet
409Kb / 3P
   Surface Mount TVS Diode Array
logo
Bourns Electronic Solut...
CDDFN10-3324P BOURNS-CDDFN10-3324P Datasheet
943Kb / 5P
   Surface Mount TVS Diode Array
CDMSP10-0504M BOURNS-CDMSP10-0504M Datasheet
402Kb / 6P
   Surface Mount TVS Diode Array
CDSC706-0504C BOURNS-CDSC706-0504C_12 Datasheet
286Kb / 4P
   Surface Mount TVS Diode Array
CDDFN10-0516P BOURNS-CDDFN10-0516P Datasheet
364Kb / 6P
   Surface Mount TVS Diode Array
CDDFN10-0524P BOURNS-CDDFN10-0524P_12 Datasheet
335Kb / 4P
   Surface Mount TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com