Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG-QFN-7004 Datasheet(PDF) 6 Page - Ironwood Electronics.

Part # CG-QFN-7004
Description  High speed, reliable Elastomer connection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CG-QFN-7004 Datasheet(HTML) 6 Page - Ironwood Electronics.

  CG-QFN-7004 Datasheet HTML 1Page - Ironwood Electronics. CG-QFN-7004 Datasheet HTML 2Page - Ironwood Electronics. CG-QFN-7004 Datasheet HTML 3Page - Ironwood Electronics. CG-QFN-7004 Datasheet HTML 4Page - Ironwood Electronics. CG-QFN-7004 Datasheet HTML 5Page - Ironwood Electronics. CG-QFN-7004 Datasheet HTML 6Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10.49mm [0.413"]
6.11mm [0.241"]
2.05mm [0.081"]
1.25mm [0.049"]
19.61mm [0.772"]
39.23mm [1.544"]
29.00mm [1.142"]
13.87mm [0.546"]
1.00mm [0.039"]
45.35mm [1.785"]
19.61mm [0.772"]
6.13mm [0.241"]
31.12mm [1.225"]
44.29mm [1.744"]
13.65mm [0.537"]
orientation mark
16°
20.225mm
[0.796"]
37.23mm [1.466"]
Description: Keep out area information
PAGE 6 of 6
All dimensions are in mm.
All tolerences are +/- 0.125mm.
(Unless stated otherwise)
Status: Released
Drawing: E Smolentseva
Scale: 0.16:1
Rev: A
Date: 8/24/10
Modified:
File: CG-QFN-7004 Dwg
CG-QFN-7004 Drawing
.
© 2010 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


Similar Part No. - CG-QFN-7004

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-QFN-7000 IRONWOOD-CG-QFN-7000 Datasheet
129Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7001 IRONWOOD-CG-QFN-7001 Datasheet
92Kb / 3P
   Easily removable clamshell socket lid
CG-QFN-7002 IRONWOOD-CG-QFN-7002 Datasheet
118Kb / 3P
   Minimum real estate required
CG-QFN-7003 IRONWOOD-CG-QFN-7003 Datasheet
65Kb / 3P
   Directly mounts to target PCB with hardware
CG-QFN-7005 IRONWOOD-CG-QFN-7005 Datasheet
72Kb / 4P
   Directly mounts to target PCB with hardware
More results

Similar Description - CG-QFN-7004

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-5020 IRONWOOD-CG-BGA-5020 Datasheet
370Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-6406 IRONWOOD-SG-BGA-6406 Datasheet
522Kb / 5P
   High speed, reliable Elastomer connection
SG-MLF-7075 IRONWOOD-SG-MLF-7075 Datasheet
271Kb / 4P
   High speed reliable elastomer connection
SG-BGA-6004 IRONWOOD-SG-BGA-6004 Datasheet
73Kb / 3P
   High speed, reliable Elastomer connection
SG-BGA-6013 IRONWOOD-SG-BGA-6013 Datasheet
104Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-7018 IRONWOOD-SG-BGA-7018 Datasheet
48Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-6018 IRONWOOD-SG-BGA-6018 Datasheet
49Kb / 3P
   High speed, reliable Elastomer connection
SG-BGA-6019 IRONWOOD-SG-BGA-6019 Datasheet
53Kb / 3P
   High speed, reliable Elastomer connection
GT-BGA-2005 IRONWOOD-GT-BGA-2005 Datasheet
631Kb / 5P
   High speed reliable elastomer connection
SG-MLF-7086 IRONWOOD-SG-MLF-7086 Datasheet
267Kb / 4P
   High speed, reliable Elastomer connection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com