Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

353482 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 353482
Description  This specification covers the requirements for product performance
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

353482 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 353482 Datasheet HTML 6Page - Tyco Electronics 353482 Datasheet HTML 7Page - Tyco Electronics 353482 Datasheet HTML 8Page - Tyco Electronics 353482 Datasheet HTML 9Page - Tyco Electronics 353482 Datasheet HTML 10Page - Tyco Electronics 353482 Datasheet HTML 11Page - Tyco Electronics 353482 Datasheet HTML 12Page - Tyco Electronics 353482 Datasheet HTML 13Page - Tyco Electronics 353482 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Product Specification
108-5246
Rev. L
10 of 21
項目
試験項目
Para.
Test
Items
Requirements
Procedures
3.5.20
はんだ耐熱性
10倍の拡大鏡を用いて目視検
査し、割れ、ひび、溶融等の異
常なきこと。
プリント基板に取り付けて試験する
尚、温度は基板表面上温度とする。
<DIPタイプ>
はんだ付タイン部をのはんだ槽中に
260℃ 10±1秒間浸漬して試験する。
<SMTタイプ>
リフロー回数:2回
温度プロファイルは Fig.10参照
<手はんだの場合>
こて先温度360℃±10℃時間3+1
-0
秒。但し、コンタクトはんだ付部に
こて先等による力が加わらないよう
に試験する。
3.5.20
Resistance to Soldering
Heat
Appearance of the specimen
shall be inspected after the
test with the assistance of a
magnifier capable of giving a
magnification of 10 X for
damage such as cracks, ships
or melting.
Aftre mounting post header
assembly and receptacle header
assembly mounted on PCB, expose
the samples under the soldering
heat of the following conditions.
The specified temperature is
measured at the surface of PCB.
<DIP TYPE>
Immersing the soldering tine areas
into soldering tub at 260±5°C for
10±1 seconds.
<SMT TYPE>
Reflow cycles: 2 times
Temperature profile:as shown in
Fig.10.
<Manual test>
Expose under the head of the top of
iron at 360±10℃ for 3+1
-0 seconds.
To be no damage by the top of iron
etc.at soldering tynes.
注「目視検査の必要条件に合致し、物理的損傷がなく、且つ Fig.3 のシークエンス試験に規定された付加的試
験必要条件に合致すること。
Note: Tested products shall be conforming to the requirements of the visual inspection without physical
damage, also meeting the requirements of the additional tests specified in the sequence tests specified
in Fig.3
Fig.2(終り)
Fig.2 (End)


Similar Part No. - 353482

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35348 ETC2-35348 Datasheet
204Kb / 1P
   Wiha Quality Tools Short Arm Hex L-keys Black Finish
35348 ETC2-35348 Datasheet
204Kb / 1P
   Wiha Quality Tools Short Arm Hex L-keys Black Finish
More results

Similar Description - 353482

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
   This specification covers the performance requirements for silicon, general purpose,
logo
ATTEND Technology Inc.
115B ATTEND-115B Datasheet
336Kb / 5P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
126B ATTEND-126B Datasheet
447Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
DDR ATTEND-DDR Datasheet
388Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
114B ATTEND-114B Datasheet
323Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 114B Series
2021/03/30
115H ATTEND-115H Datasheet
149Kb / 3P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115H-BA00.
2013/08/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com