Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC5DXV5T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # EMC5DXV5T1G
Description  Dual Common Base-Collector Bias Resistor Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMC5DXV5T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button EMC5DXV5T1G Datasheet HTML 3Page - ON Semiconductor EMC5DXV5T1G Datasheet HTML 4Page - ON Semiconductor EMC5DXV5T1G Datasheet HTML 5Page - ON Semiconductor EMC5DXV5T1G Datasheet HTML 6Page - ON Semiconductor EMC5DXV5T1G Datasheet HTML 7Page - ON Semiconductor EMC5DXV5T1G Datasheet HTML 8Page - ON Semiconductor EMC5DXV5T1G Datasheet HTML 9Page - ON Semiconductor EMC5DXV5T1G Datasheet HTML 10Page - ON Semiconductor EMC5DXV5T1G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EMC2DXV5T1G, EMC3DXV5T1G, EMC4DXV5T1G, EMC5DXV5T1G
http://onsemi.com
8
TYPICAL ELECTRICAL CHARACTERISTICS −EMC4DXV5T1 PNP TRANSISTOR
10
1
0.1
010
20
30
40
50
100
10
1
0
246
8
10
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8
1015
2025
3035
4045
50
VR, REVERSE BIAS VOLTAGE (V)
Figure 22. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
0
2040
6080
Figure 23. DC Current Gain
1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 24. Output Capacitance
Figure 25. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (V)
Figure 26. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0.001
-25
°C
25
°C
TA =75°C
VCE = 10 V
180
160
140
120
100
80
60
40
20
0
2
4
6
8
15
20 40
50 60 70
80 90
f = 1 MHz
lE = 0 V
TA = 25°C
LOAD
+12 V
Figure 27. Inexpensive, Unregulated Current Source
Typical Application
for PNP BRTs
25
°C
IC/IB = 10
TA =-25°C
TA =75°C
25
°C
-25
°C
VO = 5 V
VO = 0.2 V
25
°C
TA =-25°C
75
°C
75
°C


Similar Part No. - EMC5DXV5T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMC5DXV5T1G ONSEMI-EMC5DXV5T1G Datasheet
96Kb / 11P
   Dual Common Base?묬ollector Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 4
EMC5DXV5T1G ONSEMI-EMC5DXV5T1G Datasheet
143Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 6
More results

Similar Description - EMC5DXV5T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UMC2NT1G ONSEMI-UMC2NT1G_11 Datasheet
178Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
December, 2011 ??Rev. 10
UMC2NT1G ONSEMI-UMC2NT1G_V01 Datasheet
211Kb / 12P
   Dual Common Base-Collector Bias Resistor Transistors
January, 2022 ??Rev. 11
NSTB1005DXV5T1G ONSEMI-NSTB1005DXV5T1G Datasheet
108Kb / 5P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 1
NSTB1005DXV5 ONSEMI-NSTB1005DXV5_04 Datasheet
62Kb / 6P
   Dual Common Base-Collector Bias Resistor Transistors
March, 2004 ??Rev. 0
EMC2DXV5T1 ONSEMI-EMC2DXV5T1 Datasheet
72Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
September, 2003 ??Rev. 1
EMC2DXV5T1G ONSEMI-EMC2DXV5T1G Datasheet
143Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2010 ??Rev. 6
UMC2NT1G ONSEMI-UMC2NT1G Datasheet
164Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
October, 2009 ??Rev. 8
UMC2NT1 ONSEMI-UMC2NT1 Datasheet
87Kb / 10P
   Dual Common Base-Collector Bias Resistor Transistors
September, 2004 ??Rev. 5
NSTB1002DXV5 ONSEMI-NSTB1002DXV5_06 Datasheet
63Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2006 ??Rev. 0
NSB1010XV5T5 ONSEMI-NSB1010XV5T5 Datasheet
100Kb / 6P
   Dual Common Base?묬ollector Bias Resistor Transistors
January, 2005 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com