Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBA123JDP6T5G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NSBA123JDP6T5G
Description  Dual PNP Bias Resistor Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBA123JDP6T5G Datasheet(HTML) 7 Page - ON Semiconductor

  NSBA123JDP6T5G Datasheet HTML 1Page - ON Semiconductor NSBA123JDP6T5G Datasheet HTML 2Page - ON Semiconductor NSBA123JDP6T5G Datasheet HTML 3Page - ON Semiconductor NSBA123JDP6T5G Datasheet HTML 4Page - ON Semiconductor NSBA123JDP6T5G Datasheet HTML 5Page - ON Semiconductor NSBA123JDP6T5G Datasheet HTML 6Page - ON Semiconductor NSBA123JDP6T5G Datasheet HTML 7Page - ON Semiconductor NSBA123JDP6T5G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MUN5135DW1, NSBA123JDXV6, NSBA123JDP6
www.onsemi.com
7
PACKAGE DIMENSIONS
HE
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.50
0.55
0.60
b
0.17
0.22
0.27
C
D
1.50
1.60
1.70
E
1.10
1.20
1.30
e
0.5 BSC
L
0.10
0.20
0.30
1.50
1.60
1.70
0.020
0.021
0.023
0.007
0.009
0.011
0.059
0.062
0.066
0.043
0.047
0.051
0.02 BSC
0.004
0.008
0.012
0.059
0.062
0.066
MIN
NOM
MAX
INCHES
SOT−563, 6 LEAD
CASE 463A
ISSUE G
e
M
0.08 (0.003)
X
b 65 PL
A
C
−X−
−Y−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE MATERIAL.
D
E
Y
12
3
4
5
L
6
1.35
0.0531
0.5
0.0197
mm
inches
SCALE 20:1
0.5
0.0197
1.0
0.0394
0.45
0.0177
0.3
0.0118
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
HE
0.08
0.12
0.18
0.003
0.005
0.007


Similar Part No. - NSBA123JDP6T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBA123JDP6T5G ONSEMI-NSBA123JDP6T5G Datasheet
102Kb / 6P
   Dual Digital Transistors (BRT)
October, 2008 ??Rev. 5
NSBA123JDP6T5G ONSEMI-NSBA123JDP6T5G Datasheet
91Kb / 8P
   Dual PNP Bias Resistor Transistors
March, 2015 ??Rev. 1
More results

Similar Description - NSBA123JDP6T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5115DW1 ONSEMI-MUN5115DW1 Datasheet
162Kb / 8P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5133DW1 ONSEMI-MUN5133DW1 Datasheet
123Kb / 8P
   Dual PNP Bias Resistor Transistors
May, 2013 ??Rev. 1
MUN5116DW1 ONSEMI-MUN5116DW1 Datasheet
141Kb / 6P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBA115TDP6 ONSEMI-NSBA115TDP6 Datasheet
134Kb / 5P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBA123TDP6 ONSEMI-NSBA123TDP6 Datasheet
138Kb / 5P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5130DW1 ONSEMI-MUN5130DW1 Datasheet
75Kb / 6P
   Dual PNP Bias Resistor Transistors
November, 2013 ??Rev. 2
MUN5113DW1 ONSEMI-MUN5113DW1 Datasheet
88Kb / 8P
   Dual PNP Bias Resistor Transistors
March, 2014 ??Rev. 1
MUN5137DW1 ONSEMI-MUN5137DW1 Datasheet
128Kb / 8P
   Dual PNP Bias Resistor Transistors
October, 2013 ??Rev. 1
MUN5132DW1 ONSEMI-MUN5132DW1 Datasheet
123Kb / 8P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5136DW1 ONSEMI-MUN5136DW1 Datasheet
114Kb / 6P
   Dual PNP Bias Resistor Transistors
January, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com