Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMUN5113DW1T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # SMUN5113DW1T1G
Description  Dual PNP Bias Resistor Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN5113DW1T1G Datasheet(HTML) 2 Page - ON Semiconductor

  SMUN5113DW1T1G Datasheet HTML 1Page - ON Semiconductor SMUN5113DW1T1G Datasheet HTML 2Page - ON Semiconductor SMUN5113DW1T1G Datasheet HTML 3Page - ON Semiconductor SMUN5113DW1T1G Datasheet HTML 4Page - ON Semiconductor SMUN5113DW1T1G Datasheet HTML 5Page - ON Semiconductor SMUN5113DW1T1G Datasheet HTML 6Page - ON Semiconductor SMUN5113DW1T1G Datasheet HTML 7Page - ON Semiconductor SMUN5113DW1T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MUN5113DW1, NSBA144EDXV6, NSBA144EDP6
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
MUN5113DW1 (SOT−363) One Junction Heated
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25
°C
(Note 1)
(Note 2)
PD
187
256
1.5
2.0
mW
mW/
°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
670
490
°C/W
MUN5113DW1 (SOT−363) Both Junction Heated (Note 3)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25
°C
(Note 1)
(Note 2)
PD
250
385
2.0
3.0
mW
mW/
°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
493
325
°C/W
Thermal Resistance,
(Note 1)
Junction to Lead
(Note 2)
RqJL
188
208
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
NSBA144EDXV6 (SOT−563) One Junction Heated
Total Device Dissipation
TA = 25°C
(Note 1)
Derate above 25
°C
(Note 1)
PD
357
2.9
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
(Note 1)
RqJA
350
°C/W
NSBA144EDXV6 (SOT−563) Both Junction Heated (Note 3)
Total Device Dissipation
TA = 25°C
(Note 1)
Derate above 25
°C
(Note 1)
PD
500
4.0
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
(Note 1)
RqJA
250
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
NSBA144EDP6 (SOT−963) One Junction Heated
Total Device Dissipation
TA = 25°C
(Note 4)
(Note 5)
Derate above 25
°C
(Note 4)
(Note 5)
PD
231
269
1.9
2.2
mW
mW/
°C
Thermal Resistance,
(Note 4)
Junction to Ambient
(Note 5)
RqJA
540
464
°C/W
NSBA144EDP6 (SOT−963) Both Junction Heated (Note 3)
Total Device Dissipation
TA = 25°C
(Note 4)
(Note 5)
Derate above 25
°C
(Note 4)
(Note 5)
PD
339
408
2.7
3.3
mW
mW/
°C
Thermal Resistance,
(Note 4)
Junction to Ambient
(Note 5)
RqJA
369
306
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR−4 @ Minimum Pad.
2. FR−4 @ 1.0 x 1.0 Inch Pad.
3. Both junction heated values assume total power is sum of two equally powered channels.
4. FR−4 @ 100 mm2, 1 oz. copper traces, still air.
5. FR−4 @ 500 mm2, 1 oz. copper traces, still air.


Similar Part No. - SMUN5113DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMUN5113T1G ONSEMI-SMUN5113T1G Datasheet
148Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 k
September, 2012 ??Rev. 1
SMUN5113T1G ONSEMI-SMUN5113T1G Datasheet
113Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 kA
January, 2015 ??Rev. 4
SMUN5113T1G ONSEMI-SMUN5113T1G Datasheet
202Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results

Similar Description - SMUN5113DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5115DW1 ONSEMI-MUN5115DW1 Datasheet
162Kb / 8P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5133DW1 ONSEMI-MUN5133DW1 Datasheet
123Kb / 8P
   Dual PNP Bias Resistor Transistors
May, 2013 ??Rev. 1
MUN5116DW1 ONSEMI-MUN5116DW1 Datasheet
141Kb / 6P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBA115TDP6 ONSEMI-NSBA115TDP6 Datasheet
134Kb / 5P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBA123TDP6 ONSEMI-NSBA123TDP6 Datasheet
138Kb / 5P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5130DW1 ONSEMI-MUN5130DW1 Datasheet
75Kb / 6P
   Dual PNP Bias Resistor Transistors
November, 2013 ??Rev. 2
MUN5137DW1 ONSEMI-MUN5137DW1 Datasheet
128Kb / 8P
   Dual PNP Bias Resistor Transistors
October, 2013 ??Rev. 1
MUN5135DW1 ONSEMI-MUN5135DW1_16 Datasheet
90Kb / 8P
   Dual PNP Bias Resistor Transistors
September, 2016 ??Rev. 2
MUN5132DW1 ONSEMI-MUN5132DW1 Datasheet
123Kb / 8P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5136DW1 ONSEMI-MUN5136DW1 Datasheet
114Kb / 6P
   Dual PNP Bias Resistor Transistors
January, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com