Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBC114EPDXV6T5G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NSBC114EPDXV6T5G
Description  Complementary Bias Resistor Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC114EPDXV6T5G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NSBC114EPDXV6T5G Datasheet HTML 2Page - ON Semiconductor NSBC114EPDXV6T5G Datasheet HTML 3Page - ON Semiconductor NSBC114EPDXV6T5G Datasheet HTML 4Page - ON Semiconductor NSBC114EPDXV6T5G Datasheet HTML 5Page - ON Semiconductor NSBC114EPDXV6T5G Datasheet HTML 6Page - ON Semiconductor NSBC114EPDXV6T5G Datasheet HTML 7Page - ON Semiconductor NSBC114EPDXV6T5G Datasheet HTML 8Page - ON Semiconductor NSBC114EPDXV6T5G Datasheet HTML 9Page - ON Semiconductor NSBC114EPDXV6T5G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MUN5311DW1, NSBC114EPDXV6, NSBC114EPDP6
http://onsemi.com
6
TYPICAL CHARACTERISTICS − NPN TRANSISTOR
NSBC114EPDP6
Figure 12. VCE(sat) vs. IC
Figure 13. DC Current Gain
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
40
30
20
50
10
0
0.01
0.1
1
100
10
1
0.1
1
10
100
1000
Figure 14. Output Capacitance
Figure 15. Output Current vs. Input Voltage
VR, REVERSE VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
50
40
30
20
10
0
0
0.4
0.8
1.2
1.6
2.0
2.4
6
57
4
3
2
1
0
0.01
0.1
1
10
100
Figure 16. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
40
30
50
20
10
0
0.1
1
10
100
IC/IB = 10
150
°C
−55
°C
25
°C
VCE = 10 V
150
°C
−55
°C
25
°C
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
150
°C
−55
°C
25
°C
VO = 0.2 V
150
°C
−55
°C
25
°C


Similar Part No. - NSBC114EPDXV6T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC114EPDXV6T5G ONSEMI-NSBC114EPDXV6T5G Datasheet
164Kb / 14P
   Dual Bias Resistor Transistors
November, 2008 ??Rev. 5
More results

Similar Description - NSBC114EPDXV6T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5314DW1 ONSEMI-MUN5314DW1 Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
MUN5333DW1 ONSEMI-MUN5333DW1_16 Datasheet
101Kb / 10P
   Complementary Bias Resistor Transistors
September, 2016 ??Rev. 4
MUN5335DW1 ONSEMI-MUN5335DW1 Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
MUN5316DW1 ONSEMI-MUN5316DW1 Datasheet
82Kb / 7P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
NSBC114YPDXV6T5G ONSEMI-NSBC114YPDXV6T5G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TPDP6 ONSEMI-NSBC115TPDP6 Datasheet
106Kb / 6P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5331DW1 ONSEMI-MUN5331DW1 Datasheet
80Kb / 7P
   Complementary Bias Resistor Transistors
November, 2014 ??Rev. 1
MUN5333DW1 ONSEMI-MUN5333DW1 Datasheet
97Kb / 10P
   Complementary Bias Resistor Transistors
January, 2015 ??Rev. 2
MUN5334DW1 ONSEMI-MUN5334DW1 Datasheet
147Kb / 7P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5313DW1 ONSEMI-MUN5313DW1 Datasheet
137Kb / 10P
   Complementary Bias Resistor Transistors
November, 2012 ??Rev. 1
MUN5336DW1 ONSEMI-MUN5336DW1 Datasheet
109Kb / 6P
   Complementary Bias Resistor Transistors
January, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com