Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS000DD6D Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # PS000DD6D
Description  The CHAMELEON Adaptable Module for DC Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PS000DD6D Datasheet(HTML) 1 Page - TE Connectivity Ltd

  PS000DD6D Datasheet HTML 1Page - TE Connectivity Ltd PS000DD6D Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hipot rating (one minute):
Line to Ground:
2250 VDC
LIne to Line:
1450 VDC
Rated Voltage (max):
80 VDC
Rated Current:
3 to 10A
Fuseholder*:
.25 x 1.25” or
5 x 20 mm
Terminals:
.187 x .032 [4.8 x .81] terminal tabs
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
P Series
P Series
The CHAMELEON Adaptable Module for DC Applications
UL Recognized
CSA Certified
TUV Certified
EN
60 950
• Full flexibility of design in the most compact
package
• General purpose designed for DC applications
• Mates with a standard MOLEX* connector (HCS
Series) which prevents accidental connection to
AC Power
Ordering Information
P S 0 0 0 D D 3 D
Shield Options
D = Complete Shield
(DC Version)
Current Rating
3 = 3A
6 = 6A
X = 10A
Filter Type
D = DC version
Fuse Options
D = Dual fuse
S = Single fuse
Input Voltage Select
0 = Single voltage
Switch Options
0 = No switch
Extender Options
0 = None
Mounting Style
E = Mounting ears
S = Snap-in
Specifications
Electrical Schematic
LINE
LOAD
Available Part Numbers
PE000DD3D
PS000DD3D
PE000DD6D
PS000DD6D
PE000DDXD
PS000DDXD
PE000SD3D
PS000SD3D
PE000SD6D
PS000SD6D
PE000SDXD
PS000SDXD

223
Corcom Product Guide
4
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
  


Similar Part No. - PS000DD6D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PS000DD6D MACOM-PS000DD6D Datasheet
64Kb / 2P
   The CHAMELEON Adaptable Module for General Purpose, DC Applications
PS000DD6D MACOM-PS000DD6D Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
More results

Similar Description - PS000DD6D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE000DD3D MACOM-PE000DD3D_11 Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
PE000DD3D MACOM-PE000DD3D Datasheet
64Kb / 2P
   The CHAMELEON Adaptable Module for General Purpose, DC Applications
PSJ0XSS60 MACOM-PSJ0XSS60 Datasheet
222Kb / 8P
   The CHAMELEON Adaptable Module for General, High Performance or Medical Applications
logo
Burland Technology Solu...
ADU BURLAND-ADU Datasheet
1Mb / 4P
   Chameleon ADU
logo
Advantech Co., Ltd.
SR305 ADVANTECH-SR305_V01 Datasheet
639Kb / 4P
   FLEXIBLE, ADAPTABLE LTE ROUTER
September 5, 2019 8:54 AM
logo
Mitsubishi Electric Sem...
M57115L-01 MITSUBISHI-M57115L-01 Datasheet
45Kb / 3P
   THE POWER SUPPLY DC-DC CONVERTER FOR IGBT MODULE GATE DRIVE
logo
Advantech Co., Ltd.
SR305 ADVANTECH-SR305 Datasheet
608Kb / 4P
   FLEXIBLE, ADAPTABLE LTE ROUTER
February 27, 2018 9:06 AM
logo
TOKO, Inc
FDSD0420 TOKO-FDSD0420 Datasheet
261Kb / 1P
   Ideal for DC-DC converter applications
FCUL0530 TOKO-FCUL0530 Datasheet
205Kb / 1P
   Ideal for DC-DC converter applications
logo
MPS Industries, Inc.
A2003 MPSIND-A2003 Datasheet
348Kb / 2P
   TRANSFORMER FOR DC/DC AUTOMOTIVE APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com