Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAP200 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # MAP200
Description  KILOVAC High Voltage DC Contactors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MAP200 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  MAP200 Datasheet HTML 1Page - TE Connectivity Ltd MAP200 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7–11
KILOVAC MAP200 Series (Continued)
KILOVAC High Voltage DC Contactors
7
For factory-direct application assistance,
dial 800-253-4560, ext. 2055, or
805-220-2055.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
Outline Dimensions
1.65
± .01
(42.0
± .26)
2.688
± .01
(68.28
± .26)
1.05
± .01
(26.67
± .26)
LABEL
2 X 10-32 THREAD THRU
TORQUE: 15 TO 30 IN-LB (1.7 TO 3.3 NM)
2 X M6 x 1 THREAD
.45 (11.43) MIN DEPTH (11 THREADS)
TORQUE VS THREAD ENGAGEMENT
8 TO 11 THREADS: 80 TO 100 IN-LB (9.1 TO 11.3 NM)
7 TO 8 THREADS: 70 TO 80 IN-LB (7.9 TO 9.1 NM)
5 TO 7 THREADS: 60 TO 70 IN-LB (6.8 TO 7.9)
.800
± .01
(20.3
± .26)
3.289
± .025
(83.54
± .635)
3.17
± .01
(80.48
± .26)
2.20
± .025
(55.81
± .63)
2.523
± .025
(64.08
± .635)
2.245
± .025
(57.02
± .635)
1.431
± .025
(36.35
± .635)
.546
± .01
(13.87
± .26)
WIRE VIEW REMOVED
FOR CLARITY
Estimated Make & Break Power Switching Ratings
NOTES:
1) For resistive loads with 300µH maximum inductance. Consult factory for inductive loads.
2) Estimates based on extrapolated data. User is encouraged to confirm performance in application.
3) End of life when dielectric strength between terminals falls below 50 megohms @ 500VDC.
4) The maximum make current is 650A to avoid contact welding.
100,000
10,000
1,000
100
10
1
1,000
10,000
100
10
1
Make and Break Power Switching Region
Break Only Above 650A
650A
Load Current (A)
MAP200HR D-Sub
Pin Out
Coil+ = Pin 2
Coil - = Pin 6
Aux. COM = Pin 8
Aux. NO = Pin 4
MAP200AR
Coil+ = Pin 2
Coil - = Pin 6


Similar Part No. - MAP200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAP200ARAEA MACOM-MAP200ARAEA Datasheet
109Kb / 2P
   Contacts Rated up to 500 Amps, 12-900VDC
MAP200ARAFA MACOM-MAP200ARAFA Datasheet
109Kb / 2P
   Contacts Rated up to 500 Amps, 12-900VDC
MAP200ARANA MACOM-MAP200ARANA Datasheet
109Kb / 2P
   Contacts Rated up to 500 Amps, 12-900VDC
MAP200ARBEA MACOM-MAP200ARBEA Datasheet
109Kb / 2P
   Contacts Rated up to 500 Amps, 12-900VDC
MAP200ARBFA MACOM-MAP200ARBFA Datasheet
109Kb / 2P
   Contacts Rated up to 500 Amps, 12-900VDC
More results

Similar Description - MAP200

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EV200B TEC-EV200B Datasheet
239Kb / 2P
   KILOVAC High Voltage DC Contactors
CAP200 TEC-CAP200 Datasheet
268Kb / 2P
   KILOVAC High Voltage DC Contactors
CAP202 TEC-CAP202 Datasheet
367Kb / 2P
   KILOVAC High Voltage DC Contactors
AP150X TEC-AP150X Datasheet
404Kb / 1P
   KILOVAC 270 Vdc Traditional Aerospace Contactors
2373271-1 TEC-2373271-1 Datasheet
144Kb / 4P
   KILOVAC K250 HIGH VOLTAGE DC CONTACTOR
K64 TEC-K64 Datasheet
211Kb / 1P
   KILOVAC High Voltage Relays
K43 TEC-K43 Datasheet
295Kb / 2P
   KILOVAC High Voltage Relays
K81A TEC-K81A Datasheet
389Kb / 2P
   KILOVAC High Voltage Relays
K70 TEC-K70 Datasheet
157Kb / 1P
   KILOVAC High Voltage Relays
K40P TEC-K40P Datasheet
203Kb / 1P
   KILOVAC High Voltage Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com