Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A750BM397M0JEAE020 Datasheet(PDF) 4 Page - Kemet Corporation

Part # A750BM397M0JEAE020
Description  Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A750BM397M0JEAE020 Datasheet(HTML) 4 Page - Kemet Corporation

  A750BM397M0JEAE020 Datasheet HTML 1Page - Kemet Corporation A750BM397M0JEAE020 Datasheet HTML 2Page - Kemet Corporation A750BM397M0JEAE020 Datasheet HTML 3Page - Kemet Corporation A750BM397M0JEAE020 Datasheet HTML 4Page - Kemet Corporation A750BM397M0JEAE020 Datasheet HTML 5Page - Kemet Corporation A750BM397M0JEAE020 Datasheet HTML 6Page - Kemet Corporation A750BM397M0JEAE020 Datasheet HTML 7Page - Kemet Corporation A750BM397M0JEAE020 Datasheet HTML 8Page - Kemet Corporation A750BM397M0JEAE020 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC29606 • 864-963-6300 • www.kemet.com
A4067_A750 • 12/13/2016
Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A750 Series, 105°C
Impedance Z Characteristics at 100 kHz
Z (−25°C)/Z (20°C)
≤ 1.25
Z (−55°C)/Z (20°C)
≤ 1.25
Compensation Factor of Ripple Current (RC) vs. Frequency
Frequency
120 Hz ≤ f < 1 kHz
1 kHz ≤ f < 10 kHz
10 kHz ≤ f < 100 kHz 100 kHz ≤ f < 500 kHz
Coefficient
0.05
0.30
0.70
1.00
Test Method & Performance
Conditions
Load Life Test
Shelf Life Test
Temperature
105°C
105°C
Test Duration
2,000 hours
96 hours
Ripple Current
No ripple current applied
No ripple current applied
Voltage
The sum of DC voltage and the peak AC voltage
must not exceed the rated voltage of the capacitor
No voltage applied
Performance
The following specifications will be satisfied when the capacitor is restored to 20°C.
Capacitance Change
Within ±20% of the initial value
Dissipation Factor
Does not exceed 150% of the specified value
ESR
Does not exceed 150% of the specified value
Leakage Current
Does not exceed specified value
Damp Heat
The following specifications will be satisfied when the capacitor is restored to 20°C
after application of rated voltage for 1,000 hours at 60°C, 90%~95% RH.
Capacitance Change
Within ±20% of the initial value
Dissipation Factor
Does not exceed 150% of the specified value
ESR
Does not exceed 150% of the specified value
Leakage Current
Does not exceed specified value
Surge Voltage
(Rated Voltage x 1.15 (V))
The following specifications will be satisfied when the capacitor is subjected to 1,000
cycles each consisting of charge with the surge voltages specified at 105°C for 30
seconds through a protective resistor (Rc = 1 kΩ) and discharge for 5 minutes 30
seconds.
Capacitance Change
Within ±20% of the initial value
Dissipation Factor
Does not exceed 150% of the specified value
ESR
Does not exceed 150% of the specified value
Leakage Current
Does not exceed specified value


Similar Part No. - A750BM397M0JEAE020

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A7501 AITSEMI-A7501 Datasheet
830Kb / 12P
   DC-DC CONVERTER/BOOST(STEP-UP) 0.9V STARTUP, 1A VFM CONTROL ASYNCHRONOUS
REV1.6
A7501E3RXX AITSEMI-A7501E3RXX Datasheet
830Kb / 12P
   DC-DC CONVERTER/BOOST(STEP-UP) 0.9V STARTUP, 1A VFM CONTROL ASYNCHRONOUS
REV1.6
A7501E3VRXX AITSEMI-A7501E3VRXX Datasheet
830Kb / 12P
   DC-DC CONVERTER/BOOST(STEP-UP) 0.9V STARTUP, 1A VFM CONTROL ASYNCHRONOUS
REV1.6
A7501E5RXXD AITSEMI-A7501E5RXXD Datasheet
830Kb / 12P
   DC-DC CONVERTER/BOOST(STEP-UP) 0.9V STARTUP, 1A VFM CONTROL ASYNCHRONOUS
REV1.6
A7501E5VRXXD AITSEMI-A7501E5VRXXD Datasheet
830Kb / 12P
   DC-DC CONVERTER/BOOST(STEP-UP) 0.9V STARTUP, 1A VFM CONTROL ASYNCHRONOUS
REV1.6
More results

Similar Description - A750BM397M0JEAE020

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758KS687M0EAAE014 KEMET-A758KS687M0EAAE014 Datasheet
5Mb / 17P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A759BQ106M1VAAE090 KEMET-A759BQ106M1VAAE090 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A755KS687M0EAAE014 KEMET-A755KS687M0EAAE014 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A758EK337M0EAAE018 KEMET-A758EK337M0EAAE018 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com