Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEP4435Q8-0-T3-G Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MEP4435Q8-0-T3-G
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MEP4435Q8-0-T3-G Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MEP4435Q8-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MEP4435Q8-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MEP4435Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MEP4435Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MEP4435Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MEP4435Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MEP4435Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MEP4435Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MEP4435Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C391Q8-A
Issued Date : 2008.07.17
Revised Date : 2014.03.05
Page No. : 5/9
MEP4435Q8
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
100
1000
10000
0.1
1
10
100
-VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.8
1
1.2
1.4
1.6
1.8
2
-60
-20
20
60
100
140
Tj, Junction Temperature(°C)
ID=-250μA
ID=-1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.01
0.1
1
10
100
-ID, Drain Current(A)
VDS=-5V
Pulsed
TA=25°C
Gate Charge Characteristics
0
2
4
6
8
10
0
8
16
24
32
40
Qg, Total Gate Charge(nC)
ID=-10A
VDS=-5V
VDS=-10V
VDS=-15V
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.1
1
10
100
-ID, Drain-Source Voltage(V)
DC
10ms
100ms
1ms
100μs
10μs
TA=25°C, Tj=150°C, VGS=-10V
θJA=50°C/W, Single Pulse
Maximum Drain Current vs Junction Temperature
0
2
4
6
8
10
12
14
16
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C, VGS=-10V


Similar Part No. - MEP4435Q8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MEP4435Q8 CYSTEKEC-MEP4435Q8 Datasheet
301Kb / 7P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MEP4435Q8 DOINGTER-MEP4435Q8 Datasheet
2Mb / 7P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - MEP4435Q8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com