Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFE60 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE60
Description  Low height 10.5mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE60 Datasheet(HTML) 2 Page - Hongfa Technology

  HFE60_17 Datasheet HTML 1Page - Hongfa Technology HFE60_17 Datasheet HTML 2Page - Hongfa Technology HFE60_17 Datasheet HTML 3Page - Hongfa Technology HFE60_17 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AX\P[5 ng zHH R=HQAO QJOLA?EBEA@ =NA =P NKKI PAILAN=PQNAk
og 2JHU PULE?=H HK=@O =NA HEOPA@ =>KRAk 2PDAN HK=@ OLA?EBE?=PEKJO ?=J >A =R=EH=>HA QLKJ NAMQAOPk
nu
0=5 n *KNI z 1=5 o *KNI z
0=95 n *KNI zhn *KNI {
mks mkn
mku mkn
mku mkn
mks mkn
mku mkn
mku mkn
ETWRUP [TOP [\LMUP l 0 NXTU UL\NSTWR
1 NXTU[ UL\NSTWR
omko
nknr
nmkns
tkso
mkp
hmknr
m
tkso
nnkpI=T
omko
nknr
nmkns
tkso
mkp
hmknr
m
tkso
nnkpI=T
okrq
ozlnzhn{w
rz orm9z|
pz orm9z| f|26\ymkqg
rz pm9}|
F`H
G?.8G?
nzw
uz orm9z|
rz pm9}|
{pmm
5nrm
nls,3 nor9z|lorm9z|
nzw
uz orm9z|
rz orm9z| f|26\ymkqg
rz pm9}|
ozlnzhn{w
rz orm9z|
rz pm9}|
{pmm
5nrm
nls,3 nor9z|lorm9z|f*KN n,}g
nlnm,3 nor9z|lorm9z|f*KN o,g
BGF?>A: 9>@:AE>BAE- I>D>A< 9>6<D6@ 6A9 C8 7B6D9 ?6KBGF
8JEPw II
BD9:D>A< >A;BD@6F>BA
F_YP
,*~sml
8XTU ^XU\LRP
pi ri si vi noi nui oq9}|
no
6
f;;;g
jn,}
8XW\LN\ QXZV
j5
D5 5ARANOA LKH=NEPU
ATU5 6P=J@=N@ LKH=NEPU
CXULZT\_
8XW[\Z]N\TXW
E5 3H=OPE? OA=HA@ ATUw *HQT LNKKBA@
j/o
EXZ\
?05 n ?KEH H=P?DEJC
?15 o ?KEHO H=P?DEJC
ATU5 6EJCHA OE@A OP=>HA
8XW\LN\ YUL\TWR
<5 +KH@ LH=PA@
ATUw 1K CKH@ LH=PA@
+
7
8XW\LN\ VL\PZTLU
F5 zC6J2o
2QPHEJA }EIAJOEKJO
E6;:FK 6CCDBH6? D6F>A<E
EYPNTLU NXOPng
JJJ5 |QOPKIAN OLA?E=H NAMQENAIAJP
ATU5 6P=J@=N@
AX\P[5 ng :A NA?KIIAJ@ BHQT LNKKBA@ PULAO BKN = ?HA=J AJRENKJIAJP fBNAA BNKI ?KJP=IEJ=PEKJO HEGA ,o6i 62oi 12oi @QOPi AP?kgk
:A OQCCAOP PK ?DKKOA LH=OPE? OA=HA@ PULAO =J@ R=HE@=PA EP EJ NA=H =LLHE?=PEKJ BKN =J QJ?HA=J AJRENKJIAJP fSEPD ?KJP=IEJ=PEKJO HEGA ,o6i
62oi 12oi @QOPi AP?kgk
pg 7DA ?QOPKIAN OLA?E=H NAMQENAIAJP ATLNAOO =O OLA?E=H ?K@A =BPAN AR=HQ=PEJC >U ,KJCB=k
og |KJP=?P EO NA?KIIAJ@A@ BKN OQEP=>HA ?KJ@EPEKJ =J@ OLA?EBE?=PEKJO EB S=PAN ?HA=JEJC KN OQNB=?A LNK?AOO EO EJRKHRA@ EJ =OOAI>HEJC NAH=UO
KJ 3|{k


Similar Part No. - HFE60_17

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE60P HONGFA-HFE60P Datasheet
75Kb / 5P
   SUBMINIATUER INTERMEDIATE POWER RELAY
HFE60P HONGFA-HFE60P_17 Datasheet
77Kb / 5P
   Low height 10.5mm
More results

Similar Description - HFE60_17

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE60P HONGFA-HFE60P_17 Datasheet
77Kb / 5P
   Low height 10.5mm
logo
HARTING Technology Grou...
09-00-000-6008 HARTING-09-00-000-6008 Datasheet
477Kb / 2P
   Cable Sealing f. Split Hood, OD 9~10.5mm
2021-10-01
logo
List of Unclassifed Man...
CEI309B32C3 ETC2-CEI309B32C3 Datasheet
34Kb / 1P
   3.2mm x 10.5mm and 3.2 x 9.0mm Tubular
logo
Caliber Electronics Inc...
CEI310 CALIBER-CEI310 Datasheet
40Kb / 1P
   3.2mm x 10.5mm and 3.2 x 9.0mm Tubular
logo
Amphenol Corporation
MB3CG-S1 AMPHENOL-MB3CG-S1 Datasheet
60Kb / 1P
   M23 B Series Traditional Cord Grip, IP67, Cable Range 7.5 -10.5mm
MA3CG-S1 AMPHENOL-MA3CG-S1 Datasheet
65Kb / 1P
   M23 A Series Traditional Cord Grip, IP67, Cable Range 4.5 -10.5mm
logo
TEMEX
RSO2520Z TEMEX-RSO2520Z Datasheet
476Kb / 7P
   Low height profile
RSX5032C TEMEX-RSX5032C Datasheet
362Kb / 4P
   Low height profile
logo
ECM Electronics Limited...
LNC ECM-LNC Datasheet
134Kb / 3P
   Low 1.8mm Height Option
logo
Isahaya Electronics Cor...
VLA567-01R ISAHAYA-VLA567-01R Datasheet
337Kb / 9P
   Low height, DIP structure
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com