Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A750KS687M1ABAE014 Datasheet(PDF) 2 Page - Kemet Corporation

Part # A750KS687M1ABAE014
Description  Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A750KS687M1ABAE014 Datasheet(HTML) 2 Page - Kemet Corporation

  A750KS687M1ABAE014 Datasheet HTML 1Page - Kemet Corporation A750KS687M1ABAE014 Datasheet HTML 2Page - Kemet Corporation A750KS687M1ABAE014 Datasheet HTML 3Page - Kemet Corporation A750KS687M1ABAE014 Datasheet HTML 4Page - Kemet Corporation A750KS687M1ABAE014 Datasheet HTML 5Page - Kemet Corporation A750KS687M1ABAE014 Datasheet HTML 6Page - Kemet Corporation A750KS687M1ABAE014 Datasheet HTML 7Page - Kemet Corporation A750KS687M1ABAE014 Datasheet HTML 8Page - Kemet Corporation A750KS687M1ABAE014 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC29606 • 864-963-6300 • www.kemet.com
A4067_A750 • 12/13/2016
Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A750 Series, 105°C
Ordering Options Table
Diameter
Packaging Type
Lead Type
Lead Length
(mm)
Lead and
Packaging Code
Standard Bulk Packaging Options
5 – 18
Bulk (bag)
Long Lead
(Loose Standard Leads)
15 Minimum
AA
5 – 18
Bulk (bag)
Cut Leads
5(1)
BA
5 – 18
Bulk (bag)
Formed Leads
5(1)
CA
Standard Auto-Insertion Packaging Options
5
Ammo Tape and Box
Formed to 2.5 mm
H
0 = 16±0.5
FA
5 – 8
Ammo Tape and Box
Formed to 5 mm
H
0 = 16±0.5
DA
6 – 8
Ammo Tape and Box
Straight
H = 18.5±0.5
(for 8 x 12 H =
20±0.5)
EA
10 – 13
Ammo Tape and Box
Straight
H = 18.5±0.5
EA
Contact KEMET for other Lead and Packaging options
(1)
Contact KEMET for custom Lead Length and options 3 to 10 mm
Long Lead (Loose Standard Leads)
d
H
Minimum
4
Minimum
F ±0.5
Diameter
5
6.3
8
10
13
18
d
0.5
0.5
0.6
0.6
0.6
0.8
F
2
2.5
3.5
5
5
7.5
H
15
15
15
15
15
15
Cut Lead
d
H ±0.5
F ±0.5
Diameter
5
6.3
8
10
13
18
d
0.5
0.5
0.6
0.6
0.6
0.8
F
2
2.5
3.5
5
5
7.5
H
According to customer requirement 3 – 10 mm
Formed Lead
d
2.5
Maximum
H ±0.5
F ±0.5
Diameter
5
6.3
8
10
13
18
d
0.5
0.5
0.6
0.6
0.6
0.8
F
5
5
5
5
5
5
H
According to customer requirement 3 – 10 mm


Similar Part No. - A750KS687M1ABAE014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A750KS567M1CAAE013 KEMET-A750KS567M1CAAE013 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A750, 560 uF, 20%, 16 V, -55/105C, 12mm, Lead Spacing = 3.5mm
A750KS567M1CAAE013 KEMET-A750KS567M1CAAE013_17 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A750, 560 uF, 20%, 16 V, -55/105C, 12mm, Lead Spacing = 3.5mm
More results

Similar Description - A750KS687M1ABAE014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758KS687M0EAAE014 KEMET-A758KS687M0EAAE014 Datasheet
5Mb / 17P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A759BQ106M1VAAE090 KEMET-A759BQ106M1VAAE090 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A755KS687M0EAAE014 KEMET-A755KS687M0EAAE014 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A758EK337M0EAAE018 KEMET-A758EK337M0EAAE018 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com