Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A765MU477M1CLAE016 Datasheet(PDF) 6 Page - Kemet Corporation

Part # A765MU477M1CLAE016
Description  Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A765MU477M1CLAE016 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button A765MU477M1CLAE016 Datasheet HTML 2Page - Kemet Corporation A765MU477M1CLAE016 Datasheet HTML 3Page - Kemet Corporation A765MU477M1CLAE016 Datasheet HTML 4Page - Kemet Corporation A765MU477M1CLAE016 Datasheet HTML 5Page - Kemet Corporation A765MU477M1CLAE016 Datasheet HTML 6Page - Kemet Corporation A765MU477M1CLAE016 Datasheet HTML 7Page - Kemet Corporation A765MU477M1CLAE016 Datasheet HTML 8Page - Kemet Corporation A765MU477M1CLAE016 Datasheet HTML 9Page - Kemet Corporation A765MU477M1CLAE016 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4070_A765 • 12/13/2016
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A765 Series, 105°C
Table 1 – Ratings & Part Number Reference
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C (µF)
Case Size
D x L (mm)
ESR
100 kHz
20°C (mΩ)
RC
100 kHz
105°C
(mA)
LC
20°C
2 Minutes
(µA)
KEMET
Part Number
2.5
2.9
390
6.3 x 5.7
20
2800
300
A765EB397M0ELAE020
2.5
2.9
470
6.3 x 7
20
3200
300
A765EG477M0ELAE020
2.5
2.9
560
6.3 x 8
20
3200
300
A765EK567M0ELAE020
2.5
2.9
680
6.3 x 9.7
12
4300
340
A765EN687M0ELAE012
2.5
2.9
820
8 x 9.7
12
4880
410
A765KN827M0ELAE012
2.5
2.9
1000
8 x 9.7
12
4260
500
A765KN108M0ELAE012
2.5
2.9
1200
8 x 9.7
12
5100
600
A765KN128M0ELAE012
2.5
2.9
1500
8 x 9.7
10
3400
750
A765KN158M0ELAE010
2.5
2.9
2700
10 x 12.6
12
5070
1350
A765MU278M0ELAE012
4
4.6
560
8 x 7.5
16
3220
448
A765KH567M0GLAE016
4
4.6
680
8 x 9.7
12
4520
544
A765KN687M0GLAE012
4
4.6
820
8 x 9.7
12
5220
656
A765KN827M0GLAE012
4
4.6
1000
8 x 9.7
12
5220
800
A765KN108M0GLAE012
4
4.6
1200
8 x 9.7
12
3500
960
A765KN128M0GLAE012
4
4.6
1500
10 x 12.6
12
5440
1200
A765MU158M0GLAE012
6.3
7.2
100
5 x 6
25
1700
300
A765BC107M0JLAE025
6.3
7.2
150
6.3 x 5.7
20
2500
300
A765EB157M0JLAE020
6.3
7.2
180
6.3 x 5.7
20
2800
300
A765EB187M0JLAE020
6.3
7.2
220
5 x 7
20
2700
300
A765BG227M0JLAE020
6.3
7.2
220
6.3 x 5.7
20
2800
300
A765EB227M0JLAE020
6.3
7.2
270
6.3 x 7
20
2800
340
A765EG277M0JLAE020
6.3
7.2
330
6.3 x 7
17
2570
415
A765EG337M0JLAE017
6.3
7.2
390
8 x 9.7
30
3220
491
A765KN397M0JLAE030
6.3
7.2
470
8 x 7.5
16
3220
592
A765KH477M0JLAE016
6.3
7.2
560
8 x 9.7
12
5000
706
A765KN567M0JLAE012
6.3
7.2
680
8 x 9.7
12
5000
857
A765KN687M0JLAE012
6.3
7.2
820
8 x 9.7
10
3350
1033
A765KN827M0JLAE010
6.3
7.2
1000
8 x 9.7
12
4770
1260
A765KN108M0JLAE012
6.3
7.2
1200
8 x 9.7
12
4770
1512
A765KN128M0JLAE012
6.3
7.2
1500
10 x 12.6
10
4100
1890
A765MU158M0JLAE010
10
11.5
150
6.3 x 5.7
22
2320
300
A765EB157M1ALAE022
10
11.5
180
8 x 9.7
20
3500
360
A765KN187M1ALAE020
10
11.5
220
8 x 9.7
20
3500
440
A765KN227M1ALAE020
10
11.5
270
8 x 9.7
20
3600
540
A765KN277M1ALAE020
10
11.5
330
8 x 7.5
17
2350
660
A765KH337M1ALAE017
10
11.5
680
10 x 12.6
13
3800
1360
A765MU687M1ALAE013
16
18.4
100
6.3 x 5.7
25
2500
320
A765EB107M1CLAE025
16
18.4
150
6.3 x 7
27
2530
480
A765EG157M1CLAE027
16
18.4
180
8 x 7.5
16
2800
576
A765KH187M1CLAE016
16
18.4
220
8 x 9.7
16
3700
704
A765KN227M1CLAE016
16
18.4
270
8 x 9.7
16
3890
864
A765KN277M1CLAE016
16
18.4
330
8 x 9.7
16
3890
1056
A765KN337M1CLAE016
16
18.4
390
8 x 9.7
16
3890
1248
A765KN397M1CLAE016
16
18.4
470
10 x 12.6
16
4720
1504
A765MU477M1CLAE016
16
18.4
560
10 x 12.6
18
4200
1792
A765MU567M1CLAE018
16
18.4
680
10 x 12.6
18
4200
2176
A765MU687M1CLAE018
16
18.4
820
10 x 12.6
18
4200
2624
A765MU827M1CLAE018
16
18.4
1000
10 x 12.6
18
4300
3200
A765MU108M1CLAE018
25
28.7
47
6.3 x 5.7
40
1200
300
A765EB476M1ELAE040
25
28.7
56
8 x 9.7
75
1300
300
A765KN566M1ELAE075
25
28.7
82
8 x 9.7
29
2700
410
A765KN826M1ELAE029
25
28.7
100
8 x 9.7
24
3300
500
A765KN107M1ELAE024
25
28.7
150
10 x 12.6
50
3800
750
A765MU157M1ELAE050
25
28.7
180
10 x 12.6
50
3800
900
A765MU187M1ELAE050
25
28.7
220
10 x 12.6
50
3800
1100
A765MU227M1ELAE050
25
28.7
270
10 x 12.6
50
3800
1350
A765MU277M1ELAE050
25
28.7
330
10 x 12.6
20
2890
1650
A765MU337M1ELAE020
35
40.2
10
6.3 x 5.7
85
800
300
A765EB106M1VLAE085
35
40.2
18
6.3 x 5.7
85
800
300
A765EB186M1VLAE085
VDC
VDC Surge
Rated Capacitance
Case Size
ESR
RC
LC
Part Number


Similar Part No. - A765MU477M1CLAE016

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A765MU227M1ELAE050 KEMET-A765MU227M1ELAE050_17 Datasheet
73Kb / 1P
   Polymer Aluminum, 105C LowZ, A765, 220 uF, 20%, 25 V, -55/105C
More results

Similar Description - A765MU477M1CLAE016

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com