Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A767MU107M1VLAE029 Datasheet(PDF) 1 Page - Kemet Corporation

Part # A767MU107M1VLAE029
Description  Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A767MU107M1VLAE029 Datasheet(HTML) 1 Page - Kemet Corporation

  A767MU107M1VLAE029 Datasheet HTML 1Page - Kemet Corporation A767MU107M1VLAE029 Datasheet HTML 2Page - Kemet Corporation A767MU107M1VLAE029 Datasheet HTML 3Page - Kemet Corporation A767MU107M1VLAE029 Datasheet HTML 4Page - Kemet Corporation A767MU107M1VLAE029 Datasheet HTML 5Page - Kemet Corporation A767MU107M1VLAE029 Datasheet HTML 6Page - Kemet Corporation A767MU107M1VLAE029 Datasheet HTML 7Page - Kemet Corporation A767MU107M1VLAE029 Datasheet HTML 8Page - Kemet Corporation A767MU107M1VLAE029 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4071_A767 • 12/13/2016
One world. One KEMET
Benefits
• Surface mount form factor
• Ultra low impedance
• High ripple current
• High voltage
• 105°C/2,000 hours
• RoHS compliant
Overview
KEMET’s A767 Series of Surface Mount Conductive Polymer
Aluminum Solid Electrolytic Capacitors offer longer life and
greater stability across a wide range of temperatures. The
A767 Series highly conductive solid polymer electrolyte
eliminates the risk of explosion from drying out and due
to its low ESR properties is able to withstand higher ripple
currents during normal operation. The A767 Series are
ideally suited for industrial and commercial applications.
Applications
Typical applications include industrial power supplies,
switch power supplies and industrial control systems.
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767 Series, 105°C
Part Number System
A
767
EB
226
M
1H
LA
E050
Capacitor
Class
Series
Size Code
Capacitance
Code (pF)
Tolerance
Rated Voltage
(VDC)
Packaging
ESR
A = Aluminum
Suface Mount
Conductive
Polymer Solid
Capacitor
105°C
2,000 Hour
High Voltage
See Dimension
Table
First two digits
represent
significant
figures for
capacitance
values. Last
digit specifies
the number
of zeros to be
added.
M = ±20%
35 = 1V
50 = 1H
LA = Tape &
Reel
Last 3 digits
represent
significant
figures for ESR
values.
(mΩ)
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - A767MU107M1VLAE029

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A767MU107M1JLAE028 KEMET-A767MU107M1JLAE028 Datasheet
63Kb / 1P
   A767, Polymer Aluminum, 105C LowZ, 100 uF, 20%, 63 V, -55/105C
More results

Similar Description - A767MU107M1VLAE029

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com