Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A750KK108M0EAAE012 Datasheet(PDF) 6 Page - Kemet Corporation

Part # A750KK108M0EAAE012
Description  Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A750KK108M0EAAE012 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button A750KK108M0EAAE012 Datasheet HTML 2Page - Kemet Corporation A750KK108M0EAAE012 Datasheet HTML 3Page - Kemet Corporation A750KK108M0EAAE012 Datasheet HTML 4Page - Kemet Corporation A750KK108M0EAAE012 Datasheet HTML 5Page - Kemet Corporation A750KK108M0EAAE012 Datasheet HTML 6Page - Kemet Corporation A750KK108M0EAAE012 Datasheet HTML 7Page - Kemet Corporation A750KK108M0EAAE012 Datasheet HTML 8Page - Kemet Corporation A750KK108M0EAAE012 Datasheet HTML 9Page - Kemet Corporation A750KK108M0EAAE012 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC29606 • 864-963-6300 • www.kemet.com
A4067_A750 • 12/13/2016
Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A750 Series, 105°C
Table 1 – Ratings & Part Number Reference
(1)Please see packaging codes for options.
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C (µF)
Case Size
D x L (mm)
ESR
100 kHz
20°C (mΩ)
RC
100 Hz
105°C
(mA)
LC
20°C 2
minutes (µA)
KEMET
Part Number
2.5
2.9
560
6.3 x 8
20
2690
280
A750EK567M0E(1)E020
2.5
2.9
1000
8 x 8
12
5700
500
A750KK108M0E(1)E012
4
4.6
560
6.3 x 8
18
3100
448
A750EK567M0G(1)E018
6.3
7.2
220
5 x 7
20
2500
280
A750BG227M0J(1)E020
6.3
7.2
270
5 x 7
20
3100
340
A750BG277M0J(1)E020
6.3
7.2
330
5 x 7
20
3100
416
A750BG337M0J(1)E020
6.3
7.2
390
5 x 9
20
3100
491
A750BM397M0J(1)E020
6.3
7.2
470
6.3 x 8
18
3100
592
A750EK477M0J(1)E018
6.3
7.2
560
6.3 x 8
18
3100
706
A750EK567M0J(1)E018
6.3
7.2
680
8 x 8
16
4100
857
A750KK687M0J(1)E016
6.3
7.2
820
8 x 8
16
4100
1033
A750KK827M0J(1)E016
6.3
7.2
1000
8 x 8
15
4100
1260
A750KK108M0J(1)E015
6.3
7.2
1200
8 x 12
14
4100
1512
A750KS128M0J(1)E014
6.3
7.2
1500
8 x 12
14
4100
1890
A750KS158M0J(1)E014
10
11.5
220
6.3 x 8
18
3100
440
A750EK227M1A(1)E018
10
11.5
330
6.3 x 8
16
4100
660
A750EK337M1A(1)E016
10
11.5
470
8 x 8
16
4100
940
A750KK477M1A(1)E016
10
11.5
560
8 x 8
16
4100
1120
A750KK567M1A(1)E016
10
11.5
680
8 x 12
14
4100
1360
A750KS687M1A(1)E014
10
11.5
820
8 x 12
14
4100
1640
A750KS827M1A(1)E014
10
11.5
1000
10 x 12
13
4500
2000
A750MS108M1A(1)E013
16
18.4
100
6.3 x 8
18
2900
320
A750EK107M1C(1)E018
16
18.4
220
6.3 x 8
16
2900
704
A750EK227M1C(1)E016
16
18.4
330
8 x 8
14
5000
1056
A750KK337M1C(1)E014
16
18.4
470
8 x 12
13
4100
1504
A750KS477M1C(1)E013
16
18.4
560
8 x 12
13
4800
1792
A750KS567M1C(1)E013
16
18.4
820
10 x 12
13
4800
2624
A750MS827M1C(1)E013
16
18.4
1000
10 x 12
13
5250
3200
A750MS108M1C(1)E013
25
28.8
47
6.3 x 8
40
2900
280
A750EK476M1E(1)E040
25
28.8
100
8 x 8
40
4500
500
A750KK107M1E(1)E040
25
28.8
220
8 x 12
15
4420
1100
A750KS227M1E(1)E015
25
28.8
330
8 x 12
18
3500
1650
A750KS337M1E(1)E018
25
28.8
470
10 x 12
15
4900
2350
A750MS477M1E(1)E015
25
28.8
560
10 x 12
15
4900
2800
A750MS567M1E(1)E015
VDC
VDC Surge
Rated Capacitance
Case Size
ESR
RC
LC
Part Number


Similar Part No. - A750KK108M0EAAE012

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A750KK107M1EAAE040 KEMET-A750KK107M1EAAE040 Datasheet
60Kb / 1P
   Polymer Aluminum, 105C LowZ, A750, 100 uF, 20%, 25 V, -55/105C, 8mm, Lead Spacing = 3.5mm
A750KK107M1EAAE040 KEMET-A750KK107M1EAAE040_17 Datasheet
60Kb / 1P
   Polymer Aluminum, 105C LowZ, A750, 100 uF, 20%, 25 V, -55/105C, 8mm, Lead Spacing = 3.5mm
More results

Similar Description - A750KK108M0EAAE012

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758KS687M0EAAE014 KEMET-A758KS687M0EAAE014 Datasheet
5Mb / 17P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A759BQ106M1VAAE090 KEMET-A759BQ106M1VAAE090 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A755KS687M0EAAE014 KEMET-A755KS687M0EAAE014 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A758EK337M0EAAE018 KEMET-A758EK337M0EAAE018 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com