Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG-BGA-5016 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # CG-BGA-5016
Description  Directly mounts to target PCB with hardware
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CG-BGA-5016 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CG-BGA-5016 Datasheet HTML 1Page - Ironwood Electronics. CG-BGA-5016 Datasheet HTML 2Page - Ironwood Electronics. CG-BGA-5016 Datasheet HTML 3Page - Ironwood Electronics. CG-BGA-5016 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
32.60
39.225
Recommended Torque = 1.5 in-lbs
or using hex key, turn the compression
screw clockwise one half a turn after it
contacts the package.
36.15
5.00
17.90
1.55
0.50
13.15
45.74
30.72
19.61
3.52
11.65
5.05
49.07
23.03
1.35
Clamshell GHz Socket - Direct mount, solderless
Features
• Directly mounts to target PCB (needs tooling holes)
with hardware
• High speed, reliable Elastomer connection
• Minimum real estate required
• Compression plate distributes forces evenly
• Ball guide prevents over compression of elastomer
• Clamshell lid
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: CG-BGA 16x16mm 0.65mm pitch 24x24 array BGA436
Primary dimension units are millimeters, Secondary dimension units are [inches].
STATUS: Released
REV. A
DATE: 9/14/12
Material: Material <not specified>
Finish:
Weight: 68.74
CG-BGA-5016 Specification
SCALE: 1.4:1
SHEET: 1 OF 4
DRAWN BY: S. Huang
FILE: CG-BGA-5016


Similar Part No. - CG-BGA-5016

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-5017 IRONWOOD-CG-BGA-5017 Datasheet
345Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5019 IRONWOOD-CG-BGA-5019 Datasheet
546Kb / 5P
   Directly mounts to target PCB with hardware
More results

Similar Description - CG-BGA-5016

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-4001 IRONWOOD-CG-BGA-4001 Datasheet
182Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4002 IRONWOOD-CG-BGA-4002 Datasheet
145Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7000 IRONWOOD-CG-QFN-7000 Datasheet
129Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7005 IRONWOOD-CG-QFN-7005 Datasheet
72Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5008 IRONWOOD-CG-BGA-5008 Datasheet
157Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4003 IRONWOOD-CG-BGA-4003 Datasheet
121Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4004 IRONWOOD-CG-BGA-4004 Datasheet
178Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4009 IRONWOOD-CG-BGA-4009 Datasheet
132Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4012 IRONWOOD-CG-BGA-4012 Datasheet
214Kb / 5P
   Directly mounts to target PCB with hardware
CG-QFN-7003 IRONWOOD-CG-QFN-7003 Datasheet
65Kb / 3P
   Directly mounts to target PCB with hardware
CG-BGA-5000 IRONWOOD-CG-BGA-5000 Datasheet
83Kb / 4P
   Directly mounts to target PCB with hardware
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com