Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KH232 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KH232
Description  Low Distortion Wideband Op Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KH232 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KH232 Datasheet HTML 1Page - Fairchild Semiconductor KH232 Datasheet HTML 2Page - Fairchild Semiconductor KH232 Datasheet HTML 3Page - Fairchild Semiconductor KH232 Datasheet HTML 4Page - Fairchild Semiconductor KH232 Datasheet HTML 5Page - Fairchild Semiconductor KH232 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
REV. 1A February 2001
DATA SHEET
KH232
PARAMETERS
CONDITIONS
TYP
MIN & MAX RATINGS
UNITS
SYM
Ambient Temperature
KH232AI
+25°C
-25°C
+25°C
+85°C
Ambient Temperature
KH232AK/AM/HXC/HXA
+25°C
-55°C
+25°C
+125°C
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth (note 2)
Vo ≤0.63Vpp
270
>200
>200
>200
MHz
SSBW
Vo ≤2Vpp
165
>145
>145
>120
MHz
SSBW
large-signal bandwidth
Vo ≤10Vpp
95
>80
>80
>60
MHz
FPBW
gain flatness (note 2)
Vo ≤0.63Vpp
peaking
0.1 to 50MHz
0.1
<0.6
<0.3
<0.6
dB
GFPL
peaking
>50MHz
0.1
<1.5
<0.3
<0.8
dB
GFPH
rolloff
at 100MHz
0.4
<0.6
<0.6
<1.0
dB
GFR
group delay
to 100MHz
3.5 ± 0.5
––
ns
GD
linear phase deviation
to 100MHz
0.5
<2.0
<2.0
<2.0
°
LPD
reverse isolation
non-inverting
53
>43
>43
>43
dB
RINI
inverting
36
>26
>26
>26
dB
RIIN
TIME DOMAIN RESPONSE
rise and fall time
2V step
2.0
<2.4
<2.3
<2.7
ns
TRS
10V step
5.0
<7.0
<6.5
<6.5
ns
TRL
settling time to 0.05%
5V step
15
––
ns
TS
to 0.1%
2.5V step
12
<22
<17
<22
ns
TSP
overshoot
5V step
5
<15
<10
<15
%
OS
slew rate (overdriven input)
3.0
>2.5
>2.5
>1.8
V/ns
SR
overload recovery
<1% error
<50ns pulse, 200% overdrive
120
––
ns
OR
NOISE AND DISTORTION RESPONSE
2nd harmonic distortion
2Vpp, 20MHz
-69
<-64
<-64
<-56
dBc
HD2
3rd harmonic distortion
2Vpp, 20MHz
-69
<-64
<-64
<-64
dBc
HD3
equivalent input noise
voltage
>100kHz
2.8
<3.2
<3.2
<3.5
nV/
√Hz
VN
inverting current
>100kHz
20
<23
<23
<25
pA/
√Hz
ICN
non-inverting current
>100kHz
2.3
<2.6
<2.6
<2.9
pA/
√Hz
NCN
noise floor
>100kHz
-155
<-154
<-154
<-153
dBm(1Hz)
SNF
integrated noise
1kHz to 200MHz
57
<64
<64
<72
µVrms
INV
integrated noise
5MHz to 200MHz
57
<64
<64
<72
µVrms
INV
STATIC, DC PERFORMANCE
* input offset voltage
1
<4.0
<2.0
<4.5
mV
VIO
average temperature coefficient
10
<25
<25
<25
µV/°C
DVIO
* input bias current
non-inverting
5.0
<29
<21
<31
µA
IBN
average temperature coefficient
50
<125
<125
<125
nA/°C
DIBN
* input bias current
inverting
10
<31
<15
< 35
µA
IBI
average temperature coefficient
125
<200
<200
<200
nA/°C
DIBI
* power supply rejection ratio
50
>45
>45
>45
dB
PSRR
common mode rejection ratio
46
>40
>40
>40
dB
CMRR
* supply current
no load
25
<27
<27
<29
mA
ICC
MISCELLANEOUS PERFORMANCE
non-inverting input resistance
DC
400
>100
>200
>400
k
RIN
non-inverting input capacitance
1.3
<2.5
<2.5
<2.5
pF
CIN
output impedance
@ 100MHz
5, 37
––
Ω, nH
RO
output voltage range
no load
±12
>±11
>±11
>±11
V
VO
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Absolute Maximum Ratings
Recommended Operating Conditions
VCC
±20V
VCC
±5V to ±15V
Io
±100mA
Io
±75mA
common mode input voltage, Vo
|VCC| >15V ±(30-|VCC|)V
common mode input voltage
±(|VCC| -5)V
|VCC| 15V ±|VCC|V
gain range
±1 to ±5
differential input voltage
±3V
thermal resistance
(see thermal model)
junction temperature
+175°C
operating temperature
AI:
-25°C to +85°C
AK/AM/HXC/HXA: -55°C to +125°C
storage temperature
-65°C to +150°C
lead temperature (soldering 10s)
+300°C
KH232 Electrical Characteristics (TA = +25°C, Av = +2V, VCC = ±15V, RL = 100Ω, Rf = 250Ω; unless specified)
note 1:
*
AI/AK/AM/HXC/HXA
100% tested at +25°C
✝ AK/AM/HXC/HXA
100% tested at +25°C and sample
tested at -55°C and +125°C
✝ AI
sample tested at +25°C
note 2:
The output amplitude used in testing is 0.63Vpp. Performance
is guaranteed for conditions listed.


Similar Part No. - KH232

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
KH232AI CADEKA-KH232AI Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
KH232AK CADEKA-KH232AK Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
KH232AK/AM/HXC/HXA CADEKA-KH232AK/AM/HXC/HXA Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
KH232AM CADEKA-KH232AM Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
More results

Similar Description - KH232

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
   Low Distortion Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
logo
Texas Instruments
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
[Old version datasheet]   Very Wideband, Low Distortion Triple Op Amp
logo
National Semiconductor ...
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
   Very Wideband, Low Distortion Triple Op Amp
CLC409 NSC-CLC409 Datasheet
403Kb / 10P
   Very Wideband, Low Distortion Monolithic Op Amp
logo
Texas Instruments
CLC409 TI1-CLC409 Datasheet
424Kb / 12P
[Old version datasheet]   Very Wideband, Low Distortion Monolithic Op Amp
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com