Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBA143ZF3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NSBA143ZF3
Description  Digital Transistors (BRT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBA143ZF3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NSBA143ZF3 Datasheet HTML 2Page - ON Semiconductor NSBA143ZF3 Datasheet HTML 3Page - ON Semiconductor NSBA143ZF3 Datasheet HTML 4Page - ON Semiconductor NSBA143ZF3 Datasheet HTML 5Page - ON Semiconductor NSBA143ZF3 Datasheet HTML 6Page - ON Semiconductor NSBA143ZF3 Datasheet HTML 7Page - ON Semiconductor NSBA143ZF3 Datasheet HTML 8Page - ON Semiconductor NSBA143ZF3 Datasheet HTML 9Page - ON Semiconductor NSBA143ZF3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MUN2133, MMUN2133L, MUN5133, DTA143ZE, DTA143ZM3, NSBA143ZF3
www.onsemi.com
6
TYPICAL CHARACTERISTICS
NSBA143ZF3
−55°C
150°C
Figure 7. VCE(sat) vs. IC
Figure 8. DC Current Gain
Figure 9. Output Capacitance
Figure 10. Output Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
VR, REVERSE BIAS VOLTAGE (V)
Figure 11. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
50
40
30
20
10
0
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V
25°C
1
0.1
0.01
110
50
1000
1
10
100
−55°C
150°C
25°C
7
25°C
−55°C
150°C
01
4
23
100
10
1
0.1
0.01
0.001
25°C
−55°C
150°C
100
50
40
30
20
10
0
40
30
20
100
10
1
0.1
10
1
0.1
f = 10 kHz
IE = 0 A
TA = 25°C
6
5
4
3
2
1
0
5


Similar Part No. - NSBA143ZF3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBA143ZF3 ONSEMI-NSBA143ZF3 Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
September, 2012 ??Rev. 1
NSBA143ZF3 ONSEMI-NSBA143ZF3 Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 kA
October, 2013 ??Rev. 6
NSBA143ZF3T5G ONSEMI-NSBA143ZF3T5G Datasheet
117Kb / 6P
   Digital Transistors (BRT)
September, 2008 ??Rev. 2
NSBA143ZF3T5G ONSEMI-NSBA143ZF3T5G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
September, 2012 ??Rev. 1
NSBA143ZF3T5G ONSEMI-NSBA143ZF3T5G Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 kA
October, 2013 ??Rev. 6
More results

Similar Description - NSBA143ZF3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2213 ONSEMI-MUN2213_16 Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2211 ONSEMI-MUN2211_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
MUN2112 ONSEMI-MUN2112_16 Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2214 ONSEMI-MUN2214_16 Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
MUN2135 ONSEMI-MUN2135_16 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2130 ONSEMI-MUN2130_16 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2131 ONSEMI-MUN2131_16 Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2240 ONSEMI-MUN2240_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2233 ONSEMI-MUN2233_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2232 ONSEMI-MUN2232_16 Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
MUN2230 ONSEMI-MUN2230_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com