Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA124EM3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # DTA124EM3
Description  Digital Transistors (BRT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA124EM3 Datasheet(HTML) 5 Page - ON Semiconductor

  DTA124EM3 Datasheet HTML 1Page - ON Semiconductor DTA124EM3 Datasheet HTML 2Page - ON Semiconductor DTA124EM3 Datasheet HTML 3Page - ON Semiconductor DTA124EM3 Datasheet HTML 4Page - ON Semiconductor DTA124EM3 Datasheet HTML 5Page - ON Semiconductor DTA124EM3 Datasheet HTML 6Page - ON Semiconductor DTA124EM3 Datasheet HTML 7Page - ON Semiconductor DTA124EM3 Datasheet HTML 8Page - ON Semiconductor DTA124EM3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MUN2112, MMUN2112L, MUN5112, DTA124EE, DTA124EM3, NSBA124EF3
www.onsemi.com
5
TYPICAL CHARACTERISTICS
MUN2112, MMUN2112L, MUN5112, DTA124EE, DTA124EM3
TA = −25°C
Figure 2. VCE(sat) vs. IC
Figure 3. DC Current Gain
1000
10
IC, COLLECTOR CURRENT (mA)
100
10
1
100
TA =75°C
Figure 4. Output Capacitance
IC, COLLECTOR CURRENT (mA)
010
20
30
75°C
100
10
1
0.1
40
50
Figure 5. Output Current vs. Input Voltage
100
10
1
0.1
0.01
0.001 0
12
3
4
Vin, INPUT VOLTAGE (V)
25°C
567
8
9
10
Figure 6. Input Voltage vs. Output Current
0.01
0.1
1
10
40
IC, COLLECTOR CURRENT (mA)
020
60
80
75°C
25°C
TA = −25°C
50
010
20
30
40
10
3
2
1
0
VR, REVERSE VOLTAGE (V)
25°C
VCE = 10 V
IC/IB = 10
f = 10 kHz
lE = 0 A
TA = 25°C
VO = 5 V
25°C
75°C
−25°C
TA = −25°C
VO = 0.2 V
4
5
6
7
8
9


Similar Part No. - DTA124EM3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA124EM3 ONSEMI-DTA124EM3 Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 22 k, R2 = 22 k
September, 2012 ??Rev. 1
DTA124EM3T5G ONSEMI-DTA124EM3T5G Datasheet
124Kb / 12P
   Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
February, 2004 ??Rev. 0
DTA124EM3T5G ONSEMI-DTA124EM3T5G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 22 k, R2 = 22 k
September, 2012 ??Rev. 1
DTA124EM3T5G ONSEMI-DTA124EM3T5G Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 22 kOhm, R2 = 22 kOhm
March, 2013 ??Rev. 3
More results

Similar Description - DTA124EM3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2213 ONSEMI-MUN2213_16 Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2211 ONSEMI-MUN2211_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
MUN2214 ONSEMI-MUN2214_16 Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
MUN2135 ONSEMI-MUN2135_16 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2130 ONSEMI-MUN2130_16 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2131 ONSEMI-MUN2131_16 Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2240 ONSEMI-MUN2240_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2233 ONSEMI-MUN2233_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2232 ONSEMI-MUN2232_16 Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
MUN2230 ONSEMI-MUN2230_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com