Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBC123JF3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NSBC123JF3
Description  Digital Transistors (BRT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC123JF3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NSBC123JF3 Datasheet HTML 2Page - ON Semiconductor NSBC123JF3 Datasheet HTML 3Page - ON Semiconductor NSBC123JF3 Datasheet HTML 4Page - ON Semiconductor NSBC123JF3 Datasheet HTML 5Page - ON Semiconductor NSBC123JF3 Datasheet HTML 6Page - ON Semiconductor NSBC123JF3 Datasheet HTML 7Page - ON Semiconductor NSBC123JF3 Datasheet HTML 8Page - ON Semiconductor NSBC123JF3 Datasheet HTML 9Page - ON Semiconductor NSBC123JF3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MUN2235, MMUN2235L, MUN5235, DTC123JE, DTC123JM3, NSBC123JF3
www.onsemi.com
6
TYPICAL CHARACTERISTICS
NSBC123JF3
150
°C
25
°C
−55
°C
Figure 7. VCE(sat) vs. IC
Figure 8. DC Current Gain
Figure 9. Output Capacitance
Figure 10. Output Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
VR, REVERSE BIAS VOLTAGE (V)
Figure 11. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
1000
10
1
50
40
30
20
10
0
100
0.001
1
10
10
30
20
10
0
0.1
1
40
50
0.01
0.01
0.1
30
100
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V
−55
°C
25
°C
150
°C
2.4
2
1.6
1.2
0.8
0.4
0
25
°C
−55
°C
150
°C
0
0.5
1
1.5
2
2.5
3
100
25
°C
150
°C
−55
°C


Similar Part No. - NSBC123JF3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC123JF3 ONSEMI-NSBC123JF3 Datasheet
130Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 47 k
August, 2012 ??Rev. 0
NSBC123JF3 ONSEMI-NSBC123JF3 Datasheet
110Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
August, 2015 ??Rev. 3
NSBC123JF3T5G ONSEMI-NSBC123JF3T5G Datasheet
130Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 47 k
August, 2012 ??Rev. 0
NSBC123JF3T5G ONSEMI-NSBC123JF3T5G Datasheet
110Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
August, 2015 ??Rev. 3
More results

Similar Description - NSBC123JF3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2213 ONSEMI-MUN2213_16 Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2211 ONSEMI-MUN2211_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
MUN2112 ONSEMI-MUN2112_16 Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2214 ONSEMI-MUN2214_16 Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
MUN2135 ONSEMI-MUN2135_16 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2130 ONSEMI-MUN2130_16 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2131 ONSEMI-MUN2131_16 Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2240 ONSEMI-MUN2240_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2233 ONSEMI-MUN2233_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2232 ONSEMI-MUN2232_16 Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
MUN2230 ONSEMI-MUN2230_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com