Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC115EM3T5G Datasheet(PDF) 5 Page - ON Semiconductor

Part # DTC115EM3T5G
Description  Digital Transistors (BRT)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC115EM3T5G Datasheet(HTML) 5 Page - ON Semiconductor

  DTC115EM3T5G Datasheet HTML 1Page - ON Semiconductor DTC115EM3T5G Datasheet HTML 2Page - ON Semiconductor DTC115EM3T5G Datasheet HTML 3Page - ON Semiconductor DTC115EM3T5G Datasheet HTML 4Page - ON Semiconductor DTC115EM3T5G Datasheet HTML 5Page - ON Semiconductor DTC115EM3T5G Datasheet HTML 6Page - ON Semiconductor DTC115EM3T5G Datasheet HTML 7Page - ON Semiconductor DTC115EM3T5G Datasheet HTML 8Page - ON Semiconductor DTC115EM3T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MUN2236, MMUN2236L, MUN5236, DTC115EE, DTC115EM3
www.onsemi.com
5
TYPICAL CHARACTERISTICS
MUN2236, MMUN2236L, MUN5236, NSVMUN5236, DTC115EE, DTC115EM3
100
1
0.1
010
20
30
35
5
100
10
05
10
2.8
2.4
1.6
1.2
0.8
0.4
0
010
20
30
40
50
VR, REVERSE VOLTAGE (V)
Figure 2. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
010
20
30
40
Figure 3. DC Current Gain
0.1
1
100
IC, COLLECTOR CURRENT (mA)
Figure 4. Output Capacitance
Figure 5. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (V)
Figure 6. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
VCE = 10 V
1000
100
10
10
f = 10 kHz
lE = 0 A
TA = 25°C
TA = −25°C
25
°C
75
°C
75
°C
25
°C
TA = −25°C
VO = 5 V
VO = 0.2 V
TA = −25°C
25
°C
75
°C
IC/IB = 10
TA = −25°C
25
°C
75
°C
3.6
3.2
15
20
25
30
35
40
1
0.1
15
25
10
515
25
35
2.0


Similar Part No. - DTC115EM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC115EM3T5G ONSEMI-DTC115EM3T5G Datasheet
82Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
March, 2006 ??Rev. 3
DTC115EM3T5G ONSEMI-DTC115EM3T5G Datasheet
133Kb / 11P
   Digital Transistors
March, 2011 ??Rev. 4
DTC115EM3T5G ONSEMI-DTC115EM3T5G Datasheet
121Kb / 9P
   Digital Transistors (BRT) R1 = 100 k, R2 = 100 k
August, 2012 ??Rev. 0
DTC115EM3T5G ONSEMI-DTC115EM3T5G Datasheet
136Kb / 10P
   Digital Transistors (BRT) R1 = 100 k, R2 = 100 k
February, 2013 ??Rev. 2
DTC115EM3T5G ONSEMI-DTC115EM3T5G Datasheet
136Kb / 10P
   Digital Transistors (BRT)
January, 2019 ??Rev. 5
More results

Similar Description - DTC115EM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2213 ONSEMI-MUN2213_16 Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2211 ONSEMI-MUN2211_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
MUN2112 ONSEMI-MUN2112_16 Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2214 ONSEMI-MUN2214_16 Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
MUN2135 ONSEMI-MUN2135_16 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2130 ONSEMI-MUN2130_16 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2131 ONSEMI-MUN2131_16 Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2240 ONSEMI-MUN2240_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2233 ONSEMI-MUN2233_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2232 ONSEMI-MUN2232_16 Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
MUN2230 ONSEMI-MUN2230_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com