Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H2.4-R-SR2 Datasheet(PDF) 4 Page - Hirose Electric

Part # H2.4-R-SR2
Description  2.4mm coaxial connectors for frequency test measurements
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

H2.4-R-SR2 Datasheet(HTML) 4 Page - Hirose Electric

  H2.4-R-SR2 Datasheet HTML 1Page - Hirose Electric H2.4-R-SR2 Datasheet HTML 2Page - Hirose Electric H2.4-R-SR2 Datasheet HTML 3Page - Hirose Electric H2.4-R-SR2 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
H2.4 Series2.4mm coaxial connectors for frequency test measurements
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 08/2016. Contents are subject to change without notice for the purpose of improvements.
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®
PCB vertical mount receptacle
2×0-80UNF-2B
M7×0.75-6g
9.6
1.7
5.8
Part No.
HRS No.
Attached screw
RoHS
H2.4-R-SR2
338-0601-8
---------------
H2.4-R-SR2
11
338-0601-8 11
0-80UNF 1/4inch
H2.4-R-SR2
12
338-0601-8 12
0-80UNF 3/16inch
This receptacle is for highfrequency measurement only.
It cannot be used actual machine.


Similar Description - H2.4-R-SR2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73387-0020 MOLEX8-73387-0020 Datasheet
706Kb / 2P
   Precision Test Connectors 2.4mm Compression-Mount
logo
Winchester Electronics ...
TRU-11244 WINCHESTER-TRU-11244 Datasheet
71Kb / 1P
   CONNECTOR,COAXIAL 2.4MM(F) TO 2.4MM(F) ADAPTER
logo
List of Unclassifed Man...
415-0536-006 ETC2-415-0536-006 Datasheet
333Kb / 1P
   2.4mm 50 GHz Test Cable Assemblies
2022
logo
Glenair, Inc.
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
   Adapter for Coaxial Connectors
M24758-11-02-02 GLENAIR-M24758-11-02-02 Datasheet
111Kb / 2P
   Adapter for Coaxial Connectors
logo
Hirose Electric
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
logo
Glenair, Inc.
M24758-11C02 GLENAIR-M24758-11C02 Datasheet
50Kb / 2P
   Adapter for Coaxial Connectors
logo
Pasternack Enterprises,...
PE3VNA4005 PASTERNACK-PE3VNA4005 Datasheet
453Kb / 5P
   VNA Ruggedized Test Cable 2.4mm Male to 2.4mm Female 40GHz, RoHS
PE363 PASTERNACK-PE363 Datasheet
385Kb / 4P
   2.4mm Male to 2.4mm Male Test Cable Using PE-P160 Coax
PE3VNA4004 PASTERNACK-PE3VNA4004 Datasheet
448Kb / 5P
   VNA Ruggedized Test Cable 2.4mm Male to 2.4mm Male 40GHz, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com