Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-1393303-7 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 4-1393303-7
Description  Plug-in or PCB terminals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393303-7 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  4-1393303-7 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393303-7 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393303-7 Datasheet HTML 3Page - TE Connectivity Ltd 4-1393303-7 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
03-2014, Rev. 0314
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
Power Relay F4 (Continued)
Automotive Relays
Plug-in Mini ISO Relays
Max. load DC breaking capacity
Load limit curve 1: arc extinguishes during transit time (CO contact).
Load limit curve 2: safe shutdown, no stationary arc (NO contact).
Load limit curves measured with low inductive resistors verified for 1000 switching events.
Coil Data
Rated coil voltage
12/24VDC
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance6)
power6)
VDC
VDC
VDC
Ω±10%
W
052
12
7.2
1.6
90
1.6
053
24
14.4
3.2
324
1.8
056
24
16
4
268
2.1
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil operating range
Does not take into account
the temperature rise due to
the contact current
E = pre-energization
TE0701-J1
Does not take into account the temperature rise due to the contact current E=pre-
energization..
6) Without components in parallel.
Insulation Data
Initial dielectric strength
between open contacts
500Vrms
between contact and coil
500Vrms
between adjacent contacts
500Vrms
Load dump test
ISO 7637-1 (12VDC), test pulse 5
Vs=+86.5VDC
ISO 7637-2 (24VDC), test pulse 5
Vs=+200VDC
Other Data
EU RoHS/ELV compliance
compliant
Ambient temperature DC coil
-40 to +125°C
Protection to heat and fire
UL94-HB or better7)
Climatic cycling with condensation
EN ISO 6988
6 cycles, storage 8/16h
Temperature cycling
IEC 60068-2-14, Nb
10 cycles, -40/+85°C (5°C/min)
Damp heat cyclic
IEC 60068-2-30, Db, Variant 1
6 cycles, upper air temp. 55°C
Damp heat constant
IEC 60068-2-3, Ca
56 days
Category of environmental protection,
IEC 61810
RTI – dustproof, RT III – sealed
Degree of protection, IEC 60529
IP54 (dustproof), IP67 (sealed)
Corrosive gas
IEC 60068-2-42
10±2cm3/m3 SO2, 10 days
IEC 60068-2-43
1±0.3cm3/m3 H2S, 10 days
Vibration resistance (functional)
IEC 60068-2-6 (sine sweep)
10 to 500Hz > 5g8)
Shock resistance (functional)
IEC 60068-2-27 (half sine)
11ms >20g8)
Drop test, free fall
IEC 60068-2-32
1m onto concrete
Terminal type
plug-in, QC/PCB
Cover retention
axial force
150N
pull force
150N
push force
150N
Terminal retention
pull force
100N
push force
100N
resistance to bending, force applied to front9)
10N
resistance to bending, force applied to side9)
10N
torque
0.3Nm
Weight
approx. 35g (1.2oz)
Packaging unit
plug-in/PCB
315 pcs.
plug-in with bracket
200 pcs.
7) Refers to used materials.
8) No change in the switching state >10μs. Valid for NC contacts, NO contact values
significantly higher.
9) Values apply 2mm from the end of the terminal. When the force is removed, the terminal
must not have moved by more than 0.3mm.
Accessories
For details see datasheet Connectors for Mini ISO Relays


Similar Part No. - 4-1393303-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1393303-7 MACOM-4-1393303-7 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
4-1393303-7 MACOM-4-1393303-7 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
4-1393303-7 MACOM-4-1393303-7 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
TE Connectivity Ltd
4-1393303-7 TEC-4-1393303-7 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
More results

Similar Description - 4-1393303-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RM2 TEC-RM2 Datasheet
333Kb / 4P
   Plug-in version, PCB terminals, chassis- or DIN-rail mount
RM5 TEC-RM5 Datasheet
377Kb / 4P
   Plug-in version, PCB terminals, chassis or DIN rail mount
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
Tyco Electronics
PTH MACOM-PTH Datasheet
333Kb / 4P
   6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
logo
DB Lectro Inc
TL77-2F-10 DBLECTRO-TL77-2F-10 Datasheet
222Kb / 3P
   PCB PLUG-IN TRANSFORMER
logo
Weidmuller
1017620000 WEIDMULLER-1017620000 Datasheet
75Kb / 4P
   PCB plug-in connectors
logo
Schurter Inc.
GS21 SCHURTER-GS21 Datasheet
552Kb / 4P
   IEC Socket-Outlet 400 VDC, Snap-in Mounting, Front Side, Quick-connect or PCB Terminals
05.01.2022
4850.2500 SCHURTER-4850.2500_V01 Datasheet
239Kb / 2P
   , 5-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2710 SCHURTER-4850.2710_V02 Datasheet
236Kb / 2P
   , 7-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
   , 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com