Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C3216-20K Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61C3216-20K
Description  32K x 16 HIGH-SPEED CMOS STATIC RAM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C3216-20K Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61C3216-20K Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C3216-20K Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C3216-20K Datasheet HTML 3Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OS-CON 6SVP470M
OS-CON DATA SHEET
No.OS02N-DFSVP051
Frequency (kHz)
0.12
0.5
1
10
100
500
1000
5000
10000
Impedance (ohm)
2.824
0.691
0.353
0.046
0.010
0.013
0.024
0.103
0.230
ESR (ohm)
0.084
0.044
0.037
0.017
0.009
0.009
0.009
0.022
0.024
Frequency characteristics
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
Frequency (kHz)
Impedance (ohm)
ESR (ohm)
Measureing equipment: HP4194A
Test fixture: HP16047C
Measuring position: root of leads
OS Engineering Department, OS-CON Control Department
Saga SANYO Industries Co., Ltd.
n = 3p.(Ave.)
Room temperature


Similar Part No. - IS61C3216-20K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C3216-20K ICSI-IS61C3216-20K Datasheet
432Kb / 8P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C3216-20KI ICSI-IS61C3216-20KI Datasheet
432Kb / 8P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C3216-20K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C3216 ICSI-IS61C3216 Datasheet
432Kb / 8P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C3216AL ISSI-IS61C3216AL Datasheet
86Kb / 16P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216BLL ISSI-IS61WV3216BLL Datasheet
101Kb / 16P
   32K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com