Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393091-7 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part No. 9-1393091-7
Description  Mechanical indicator as standard
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 3 page
background image
3
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Panel/Plug-in Relays
Multimode Relay MT (Continued)
Product code structure
Typical product code
MT
3
2
6
230
Type
MT Multimode Relay MT
Contact configuration
2
2 form C contacts (2 CO contacts), 8-pin
3
3 form C contacts (3 CO contacts), 11-pin
Contact material
2
AgNi 90/10
3
AgNi 90/10, gold plated
Version
1
DC with test button
6
AC with test button
3
DC with test button
8
AC with test button
and bipolar LED
and LED
Coil
Coil code: please refer to coil versions table
Product code
Contact Configuration
Contact material
Version
Coil
Part number
MT221012
2 form C
AgNi 90/10
DC
12VDC
4-1393090-9
MT221024
2 CO contacts
with test button
24VDC
5-1393090-0
MT221048
8-pin
48VDC
5-1393090-1
MT221060
60VDC
5-1393090-2
MT221110
110VDC
5-1393090-3
MT221220
220VDC
5-1393090-4
MT223024
DC+LED+test button
24VDC
5-1393090-7
MT226012
AC
12VAC
6-1393090-3
MT226024
test button
24VAC
6-1393090-4
MT226048
48VAC
6-1393090-5
MT226115
115VAC
6-1393090-7
MT226230
230VAC
6-1393090-8
MT228024
AC+LED
24VAC
6-1393090-9
MT228115
test button
115VAC
7-1393090-0
MT228230
230VAC
7-1393090-1
MT321012
3 form C
AgNi 90/10
DC
12VDC
6-1393091-8
MT321024
3 CO contacts
with test button
24VDC
7-1393091-0
MT321048
11-pin
48VDC
7-1393091-1
MT321060
60VDC
7-1393091-2
MT321110
110VDC
7-1393091-4
MT321220
220VDC
7-1393091-7
MT323024
DC+LED+test button
24VDC
8-1393091-4
MT3230C4
DC+LED+PD+TB
24VDC
7-1393091-9
MT326012
AC
12VAC
9-1393091-6
MT326024
test button
24VAC
9-1393091-7
MT326048
48VAC
9-1393091-8
MT326115
115VAC
1393092-1
MT326230
230VAC
1393092-2
MT328024
AC+LED
24VAC
1393092-4
MT328115
test button
115VAC
1393092-7
MT328230
230VAC
1393092-8
MT331024
AgNi 90/10
DC
24VDC
1-1393092-1
MT331110
gold plated
with test button
110VDC
1-1393092-3
MT331220
220VDC
1-1393092-5
MT333024
DC+LED+test button
24VDC
1-1393092-8
MT3330C4
DC+LED+PD+TB
24VDC
1-1393092-6
MT333110
DC+LED
110VDC
2-1393092-0
MT333220
test button
220VDC
2-1393092-2
MT336115
AC
115VAC
2-1393092-5
MT336230
test button
230VAC
2-1393092-6
MT338024
AC+LED
24VAC
2-1393092-7
MT338115
test button
115VAC
8-1415025-1
MT338230
230VAC
2-1393092-8
Other types on request




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl