Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5-1393234-2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 5-1393234-2
Description  2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1393234-2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  5-1393234-2 Datasheet HTML 1Page - TE Connectivity Ltd 5-1393234-2 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
n
4 kv/8 mm coil contact
n
Twin contacts available
Applications
Domestic appliances, UPS
Approvals
VDE Cert. No. 40025448, UL E214024
Technical data of approved types on request
Contact Data
Contact configuration
2 form C (CO) or
2 form A (NO)
Rated voltage / max.switching voltage AC
250 VAC
Max. switching voltage
400 VAC
Rated voltage
8 A (UL: 10A)
Limiting making capacity, max 4 s, duty factor 10%
14 A
Breaking capacity max.
2000 VA
Contact material
AgCdO,
AgNi0.15 gold flashed
Frequency of operation with / without load
600 / 72000 h-1
Operate/release time typ.
9/3 ms
Bounce time typ., form A/form B
2/3 ms
Contact ratings
Type
Contact
Load
Cycles
IEC61810
RP420/421
A (NO)
8A, 250 VAC, resistive, 35°C
100x103
RP420
A (NO)
5A, 250 VAC, resistive, 70°C
30x103
UL508
RP420
C (CO)
10A, 250 VAC, gen. purp, 70°C
6x103
Coil Data
Coil voltage range
5 to 110VDC
Operative range, IEC 61810
2
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
005
5
3.5
0.5
54
500
006
6
4.2
0.6
68
500
012
12
8.4
1.2
270
500
024
24
16.8
2.4
11001)
500
048
48
33.6
4.8
44001)
500
060
60
42.0
6.0
65401)
500
110
110
77.0
11.0
231001)
500
1) Coil resistance ±15%.
All figures are given for coil without pre-energization, at ambient temperature +20°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
coil-contact circuit
4000Vrms
open contact circuit
1000Vrms
adjacent contact circuits
2500Vrms
Clearance/creepage
coil-contact circuit
≥8/8mm
Material group of insulation parts
IIIa
Power PCB Relay RPII/2
F0150-B
Z


Similar Part No. - 5-1393234-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1393234-2 MACOM-5-1393234-2 Datasheet
395Kb / 2P
   Power PCB Relay RPII/2
More results

Similar Description - 5-1393234-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM737012 ETC2-RM737012 Datasheet
487Kb / 4P
   2/3 pole 10/16A, 2 form C (CO) or 3 form C (CO) contacts
T92S7D12-12 ETC2-T92S7D12-12 Datasheet
1Mb / 4P
   40A, 2 form A (NO) and 2 form C (CO) switching capability
logo
Tyco Electronics
T92 MACOM-T92 Datasheet
261Kb / 3P
   2 pole 30 A, 2 CO or 2 NO contacts
logo
List of Unclassifed Man...
PT570615 ETC2-PT570615 Datasheet
721Kb / 4P
   2 pole 12A, 3 pole 10A or 4 pole 6A, 2, 3 or 4 form C (CO) contacts
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
logo
List of Unclassifed Man...
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
TE Connectivity Ltd
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com