Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV-BR01 Datasheet(PDF) 1 Page - Hirose Electric

Part # HV-BR01
Description  HV Series Screw Lock, 65 GHz Hermetic Coaxial Connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HV-BR01 Datasheet(HTML) 1 Page - Hirose Electric

  HV-BR01 Datasheet HTML 1Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Issued: Mar. 17, 2016
MKT-E-01026 F
© 2016 HIROSE ELECTRIC CO., LTD. All rights reserved.
Specifications herein are subject to change without notice. Contact Hirose for the latest specifications, drawings, and availabilities.
HV Series
Screw Lock, 65 GHz Hermetic Coaxial Connectors
 Features
1. High frequency capability:
Up to 65GHz
2. Excellent performance:
Return Loss: 16.5dB MIN
3. Intermatable with
V connectors*/ 1.85mm connectors
4. Cost-Competitive
5. Satisfies RoHS requirements
* ‘V Connector’ is a registered trademark of Anritsu Corporation (Wiltron).
 Return Loss and Insertion Loss
(Typical)
Test Sample
Test Circuit
HV-BR01
[Bulkhead]
Port 1
Port 2
V(m)
Test Sample
V(f)
Vector Network Analyzer
-60
-50
-40
-30
-20
-10
0
10
20
-2
-1.5
-1
-0.5
0
0
10
20
30
40
50
60
FREQUENCY(GHz)
0
[dB]
60
Frequency
[GHz]
0.0
-0.5
40
20
Insertion Loss
-20
-10
-30
-40
0
-50
[dB]
-60
Return Loss
-1.5
-1
-2
.085-inch semi-flexible cable
Receptacle (Bulkhead type)
Adapters (Under Development)
Receptacle Components
Plug
Plug-receptacle
Slide Contact
Hermetic Seal
<Assembly Example>
(Under Planning)
Package
PCB
(Under Planning)
HV-BR01
HV-BPR01
HV-P-FCCAF1
Termination
Attenuator
(0, 3, 6, 10, 20 dB)
HV-AT
HV-A-PP
HV-A-PJ
HV-A-JJ
 Varieties
Contact Resistance
4m
Ω (Inner), 4mΩ (Outer)
at 1000mA MAX
Withstanding Voltage
300V AC r.m.s for 1 minute
Insulation Resistance
500MW MIN at 250V DC
Characteristic
Impedance
50
Ω
Return Loss (V.S.W.R.)
23.1dB MIN at 0.045 - 26.5GHz
(1.15 MAX)
19.1dB MIN at 26.5 - 50GHz
(1.25 MAX)
16.5dB MIN at 50 - 60GHz
(1.35 MAX)
Durability
(Mating/Unmating)
500 cycles
Mating Torque
1.35 N·m MAX
 Specifications
* Contact Hirose for the characteristics of other products.
HV-BPR01
[Plug-receptacle]
[HV-BR01]*
HV-TMP


Similar Part No. - HV-BR01

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HV-100V150MH10E-R2 TAIYO-YUDEN-HV-100V150MH10E-R2 Datasheet
246Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV]
HV-100V150MH10EQ-R2 TAIYO-YUDEN-HV-100V150MH10EQ-R2 Datasheet
256Kb / 2P
   FOR AUTOMOTIVE CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV]
HV-10V101MF61-R2 TAIYO-YUDEN-HV-10V101MF61-R2 Datasheet
247Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV]
HV-10V101MF61E-R2 TAIYO-YUDEN-HV-10V101MF61E-R2 Datasheet
247Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV]
HV-10V101MF61EQ-R2 TAIYO-YUDEN-HV-10V101MF61EQ-R2 Datasheet
247Kb / 2P
   FOR AUTOMOTIVE CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV]
More results

Similar Description - HV-BR01

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HV-TMP HIROSE-HV-TMP Datasheet
165Kb / 2P
   DC to 65 GHz HV Coaxial Connector Plug Terminations
FL-LP-1.5DW HIROSE-FL-LP-1.5DW Datasheet
450Kb / 6P
   FINGER-LOCK COAXIAL CONNECTORS
FL-LP-1.5DW HIROSE-FL-LP-1.5DW_09 Datasheet
423Kb / 11P
   FINGER-LOCK COAXIAL CONNECTORS
P05G-P-1.5DHQS HIROSE-P05G-P-1.5DHQS Datasheet
88Kb / 4P
    5.8 GHz Mobile Coaxial Connectors
PO5G HIROSE-PO5G Datasheet
140Kb / 5P
   5.8 GHz Mobile Coaxial Connectors
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
   SMPM Series 65GHz, push-on lock coaxial connectors
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
   Ultra- Miniature Push-on Lock Coaxial Connectors
PL71 HIROSE-PL71_17 Datasheet
470Kb / 4P
   Push-on Lock Coaxial Connectors for Digital Broadcasting
logo
PHOENIX CONTACT
1604935 PHOENIX-1604935 Datasheet
54Kb / 3P
   Housing - HC-HV 6-TFQ-65/O1M25G
1604936 PHOENIX-1604936 Datasheet
54Kb / 3P
   Housing - HC-HV 6-TFQ-65/O1M25S
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com