Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF-C-PO(B) Datasheet(PDF) 4 Page - Hirose Electric

Part # DF-C-PO(B)
Description  High Voltage Wire-to-Board Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF-C-PO(B) Datasheet(HTML) 4 Page - Hirose Electric

  DF-C-PO(B) Datasheet HTML 1Page - Hirose Electric DF-C-PO(B) Datasheet HTML 2Page - Hirose Electric DF-C-PO(B) Datasheet HTML 3Page - Hirose Electric DF-C-PO(B) Datasheet HTML 4Page - Hirose Electric DF-C-PO(B) Datasheet HTML 5Page - Hirose Electric DF-C-PO(B) Datasheet HTML 6Page - Hirose Electric DF-C-PO(B) Datasheet HTML 7Page - Hirose Electric DF-C-PO(B) Datasheet HTML 8Page - Hirose Electric DF-C-PO(B) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
MDF51 Series
High Voltage Wire-to-Board Connectors
■Crimp socket (Contact pitch : 12 mm)
• Contacts supplied separately
25.6
9.35
P=12
Contact No.1 mark
●With crimp contacts assembled
■Header (Contact pitch : 12 mm)
●Straight, through hole
●Packaging Specification
340
16.65
P=18
P=18
A
Contact No.1 mark
t=0.3
16.7
21.5
P=12
12±0.1
16 7±0
12±0.1
0.5+0.1
0
16.7±0.1
Recommended PCB layout dimensions
(Thickness : 1.6mm)
Unit : mm
Unit : mm
Part No.
HRS No.
No. of
contacts
Insulator
Color
Packaging
MDF51K-2P-12DSA(20) 547-2017-9 20
2
Black
150 pcs/tray
Please place orders in full tray increments.
Part No.
HRS No.
No. of
contacts
Insulator
Color
Packaging
MDF51-2S-12C
547-2004-7 00
2
White
100 pcs/pack
Please place orders in full pack increments.


Similar Part No. - DF-C-PO(B)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF-C-PO(B) HIROSE-DF-C-PO(B) Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF-C-PO(B) HIROSE-DF-C-PO(B) Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF-C-PO(B) HIROSE-DF-C-PO(B) Datasheet
308Kb / 8P
   Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF-C-PO(B) HIROSE-DF-C-PO(B) Datasheet
776Kb / 12P
   2mm Pitch, Multi Functional Connector System
DF-C-PO(B) HIROSE-DF-C-PO(B) Datasheet
559Kb / 8P
   Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
More results

Similar Description - DF-C-PO(B)

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
   BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
   BOARD TO WIRE CONNECTORS
logo
Hirose Electric
GT8E HIROSE-GT8E Datasheet
413Kb / 14P
   High contact pressure Wire-to-Board connectors
MDF51 HIROSE-MDF51 Datasheet
1Mb / 11P
   High Voltage Board to Cable Connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
Dubilier
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
   BOARD TO WIRE CONNECTORS 3.96mm PITCH
logo
Molex Electronics Ltd.
0151350803 MOLEX1-0151350803 Datasheet
54Kb / 1P
   CLIK-Mate Wire-to-Board Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com