Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ120CA Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SMDJ120CA
Description  Halogen free and RoHS compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMDJ120CA Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMDJ120CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ120CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ120CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ120CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMDJ120CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMDJ Series
Rev. 2.0, 10-Nov.-16
WWW.SEMITECH.CN
Electrical Specification @ Tamb 25°C
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMDJ5.0A
SMDJ5.0CA
HDE
IDE
5.0
6.40
7.00
10
9.2
326.1
800
SMDJ6.0A
SMDJ6.0CA
HDG
IDG
6.0
6.67
7.37
10
10.3
291.3
800
SMDJ6.5A
SMDJ6.5CA
HDK
IDK
6.5
7.22
7.98
10
11.2
267.9
500
SMDJ7.0A
SMDJ7.0CA
HDM
IDM
7.0
7.78
8.60
10
12.0
250.0
200
SMDJ7.5A
SMDJ7.5CA
HDP
IDP
7.5
8.33
9.21
1
12.9
232.6
100
SMDJ8.0A
SMDJ8.0CA
HDR
IDR
8.0
8.89
9.83
1
13.6
220.6
50
SMDJ8.5A
SMDJ8.5CA
HDT
IDT
8.5
9.44
10.40
1
14.4
208.3
20
SMDJ9.0A
SMDJ9.0CA
HDV
IDV
9.0
10.00
11.10
1
15.4
194.8
10
SMDJ10A
SMDJ10CA
HDX
IDX
10.0
11.10
12.30
1
17.0
176.5
5
SMDJ11A
SMDJ11CA
HDZ
IDZ
11.0
12.20
13.50
1
18.2
164.8
2
SMDJ12A
SMDJ12CA
HEE
IEE
12.0
13.30
14.70
1
19.9
150.8
2
SMDJ13A
SMDJ13CA
HEG
IEG
13.0
14.40
15.90
1
21.5
139.5
2
SMDJ14A
SMDJ14CA
HEK
IEK
14.0
15.60
17.20
1
23.2
129.3
2
SMDJ15A
SMDJ15CA
HEM
IEM
15.0
16.70
18.50
1
24.4
123.0
2
SMDJ16A
SMDJ16CA
HEP
IEP
16.0
17.80
19.70
1
26.0
115.4
2
SMDJ17A
SMDJ17CA
HER
IER
17.0
18.90
20.90
1
27.6
108.7
2
SMDJ18A
SMDJ18CA
HET
IET
18.0
20.00
22.10
1
29.2
102.7
2
SMDJ20A
SMDJ20CA
HEV
IEV
20.0
22.20
24.50
1
32.4
92.6
2
SMDJ22A
SMDJ22CA
HEX
IEX
22.0
24.40
26.90
1
35.5
84.5
2
SMDJ24A
SMDJ24CA
HEZ
IEZ
24.0
26.70
29.50
1
38.9
77.1
2
SMDJ26A
SMDJ26CA
HFE
IFE
26.0
28.90
31.90
1
42.1
71.3
2
SMDJ28A
SMDJ28CA
HFG
IFG
28.0
31.10
34.40
1
45.4
66.1
2
SMDJ30A
SMDJ30CA
HFK
IFK
30.0
33.30
36.80
1
48.4
62.0
2
SMDJ33A
SMDJ33CA
HFM
IFM
33.0
36.70
40.60
1
53.3
56.3
2
SMDJ36A
SMDJ36CA
HFP
IFP
36.0
40.00
44.20
1
58.1
51.6
2
SMDJ40A
SMDJ40CA
HFR
IFR
40.0
44.40
49.10
1
64.5
46.5
2
SMDJ43A
SMDJ43CA
HFT
IFT
43.0
47.80
52.80
1
69.4
43.2
2
SMDJ45A
SMDJ45CA
HFV
IFV
45.0
50.00
55.30
1
72.7
41.3
2
SMDJ48A
SMDJ48CA
HFX
IFX
48.0
53.30
58.90
1
77.4
38.8
2
SMDJ51A
SMDJ51CA
HFZ
IFZ
51.0
56.70
62.70
1
82.4
36.4
2
SMDJ54A
SMDJ54CA
HGE
IGE
54.0
60.00
66.30
1
87.1
34.4
2
SMDJ58A
SMDJ58CA
HGG
IGG
58.0
64.40
71.20
1
93.6
32.1
2
SMDJ60A
SMDJ60CA
HGK
IGK
60.0
66.70
73.70
1
96.8
31.0
2
SMDJ64A
SMDJ64CA
HGM
IGM
64.0
71.10
78.60
1
103.0
29.1
2
SMDJ70A
SMDJ70CA
HGP
IGP
70.0
77.80
86.00
1
113.0
26.5
2
SMDJ75A
SMDJ75CA
HGR
IGR
75.0
83.30
92.10
1
121.0
24.8
2
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.


Similar Part No. - SMDJ120CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SMDJ120CA MDE-SMDJ120CA Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Yint Electroni...
SMDJ120CA YINT-SMDJ120CA Datasheet
1Mb / 5P
   SMDJ Transient Voltage Suppressor Diode Series
logo
Littelfuse
SMDJ120CA LITTELFUSE-SMDJ120CA Datasheet
195Kb / 5P
   Transient Voltage Suppression Diodes
logo
Microdiode Electronics ...
SMDJ120CA CHENDA-SMDJ120CA Datasheet
1Mb / 5P
   TRANSIENT VTAGE SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
SMDJ120CA MERITEK-SMDJ120CA Datasheet
295Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - SMDJ120CA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
   RoHS and Halogen-Free Compliant
AOT10T60P AOSMD-AOT10T60P Datasheet
498Kb / 7P
   RoHS and Halogen Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
   RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
   RoHS and Halogen-Free Compliant
AON7566 AOSMD-AON7566 Datasheet
337Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com