Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N-PA(40) Datasheet(PDF) 11 Page - Hirose Electric

Part # N-PA(40)
Description  50 ohms wide varieties standard connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

N-PA(40) Datasheet(HTML) 11 Page - Hirose Electric

Back Button N-PA(40) Datasheet HTML 4Page - Hirose Electric N-PA(40) Datasheet HTML 5Page - Hirose Electric N-PA(40) Datasheet HTML 6Page - Hirose Electric N-PA(40) Datasheet HTML 7Page - Hirose Electric N-PA(40) Datasheet HTML 8Page - Hirose Electric N-PA(40) Datasheet HTML 9Page - Hirose Electric N-PA(40) Datasheet HTML 10Page - Hirose Electric N-PA(40) Datasheet HTML 11Page - Hirose Electric N-PA(40) Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
N Series
N type Coaxial Connectors
MEMO :


Similar Part No. - N-PA(40)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
N-PA HIROSE-N-PA Datasheet
306Kb / 6P
   RFCO-AXIAL CONNECTORS
logo
DDK Ltd.
N-PA-JJ DDK-N-PA-JJ Datasheet
673Kb / 31P
   Conversion Connector
N-PA-JJ-CAu DDK-N-PA-JJ-CAu Datasheet
673Kb / 31P
   Conversion Connector
N-PA-JJ-CAu-CF DDK-N-PA-JJ-CAu-CF Datasheet
405Kb / 16P
   RF ADAPTERS
N-PA-JJ-CF DDK-N-PA-JJ-CF Datasheet
405Kb / 16P
   RF ADAPTERS
More results

Similar Description - N-PA(40)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BTA100 ETC-BTA100 Datasheet
525Kb / 5P
   Specially Varieties 4Q-Triacs
logo
JFW Industries, Inc.
115-007 JFW-115-007_18 Datasheet
170Kb / 1P
   50 Ohms nominal
115-456 JFW-115-456 Datasheet
182Kb / 1P
   50 Ohms Nominal
115-460 JFW-115-460 Datasheet
180Kb / 1P
   50 Ohms Nominal
115-587 JFW-115-587 Datasheet
178Kb / 1P
   50 Ohms Nominal
115-004 JFW-115-004_18 Datasheet
159Kb / 1P
   50 Ohms nominal
115-006 JFW-115-006_18 Datasheet
169Kb / 1P
   50 Ohms nominal
115-008 JFW-115-008_18 Datasheet
173Kb / 1P
   50 Ohms nominal
115-764 JFW-115-764 Datasheet
191Kb / 1P
   50 Ohms Nominal
115-002 JFW-115-002_18 Datasheet
159Kb / 1P
   50 Ohms nominal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com