Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPL1048E-100LT Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPL1048E-100LT
Description  High-Density Programmable Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPL1048E-100LT Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPL1048E-100LT Datasheet HTML 1Page - Lattice Semiconductor ISPL1048E-100LT Datasheet HTML 2Page - Lattice Semiconductor ISPL1048E-100LT Datasheet HTML 3Page - Lattice Semiconductor ISPL1048E-100LT Datasheet HTML 4Page - Lattice Semiconductor ISPL1048E-100LT Datasheet HTML 5Page - Lattice Semiconductor ISPL1048E-100LT Datasheet HTML 6Page - Lattice Semiconductor ISPL1048E-100LT Datasheet HTML 7Page - Lattice Semiconductor ISPL1048E-100LT Datasheet HTML 8Page - Lattice Semiconductor ISPL1048E-100LT Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Specifications ispLSI 1048E
5
External Timing Parameters
Over Recommended Operating Conditions
tpd1
UNITS
TEST
COND.
1. Unless noted otherwise, all parameters use a GRP load of 4 GLBs, 20 PTXOR path, ORP and Y0 clock.
2. Refer to Timing Model in this data sheet for further details.
3. Standard 16-bit counter using GRP feedback.
4. Reference Switching Test Conditions section.
Table 2-0030A/1048E
1
4
3
1
tsu2 + tco1
(
)
-90
MIN. MAX.
DESCRIPTION
#
2
PARAMETER
A
1
Data Propagation Delay, 4PT Bypass, ORP Bypass
10.0
ns
tpd2
A
2
Data Propagation Delay, Worst Case Path
ns
fmax (Int.)
A
3
Clock Frequency with Internal Feedback
90.9
MHz
fmax (Ext.)
4
Clock Frequency with External Feedback
MHz
fmax (Tog.)
5
Clock Frequency, Max. Toggle
MHz
tsu1
6
GLB Reg. Setup Time before Clock,4 PT Bypass
ns
tco1
A
7
GLB Reg. Clock to Output Delay, ORP Bypass
ns
th1
8
GLB Reg. Hold Time after Clock, 4 PT Bypass
ns
tsu2
9
GLB Reg. Setup Time before Clock
ns
tco2
10
GLB Reg. Clock to Output Delay
ns
th2
11
GLB Reg. Hold Time after Clock
ns
tr1
A
12
Ext. Reset Pin to Output Delay
ns
trw1
13
Ext. Reset Pulse Duration
ns
tptoeen
B
14
Input to Output Enable
ns
tptoedis
C
15
Input to Output Disable
ns
twh
18
External Synchronous Clock Pulse Duration, High
4.0
ns
twl
19
External Synchronous Clock Pulse Duration, Low
4.0
ns
tsu3
20
I/O Reg. Setup Time before Ext. Sync Clock (Y2, Y3)
ns
th3
21
I/O Reg. Hold Time after Ext. Sync. Clock (Y2, Y3)
ns
71.0
125.0
6.5
0.0
7.5
0.0
6.5
4.0
0.0
12.5
6.5
7.5
13.5
15.0
15.0
(
)
1
twh + twl
tgoeen
B
16
Global OE Output Enable
ns
9.0
tgoedis
C
17
Global OE Output Disable
ns
-125
MIN. MAX.
7.5
125.0
0.0
6.5
0.0
5.0
3.0
3.0
3.0
0.0
91.0
167.0
5.5
4.5
5.5
10.0
12.0
12.0
10.0
7.0
7.0
9.0
-100
MIN. MAX.
10.0
100.0
4.0
4.0
71.0
125.0
6.5
0.0
7.5
0.0
6.5
3.5
0.0
12.5
6.5
7.5
13.5
15.0
15.0
9.0
9.0


Similar Part No. - ISPL1048E-100LT

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1016 LATTICE-ISPLSI1016 Datasheet
148Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
150Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
197Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
ISPLSI1016E-100LJ LATTICE-ISPLSI1016E-100LJ Datasheet
150Kb / 12P
   In-System Programmable High Density PLD
More results

Similar Description - ISPL1048E-100LT

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com