Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMF78A Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # MMF78A
Description  Low profile package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

MMF78A Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  MMF78A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd MMF78A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd MMF78A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd MMF78A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd MMF78A Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMF Series
Rev. 2.0, 24-Nov.-16
WWW.SEMITECH.CN
Electrical Specification @ Tamb 25°C
Type
Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
Uni
Bi
Uni
Bi
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
MMF5.0A
MMF5.0CA
5.0A
5.0CA
5.0
6.40
7.00
10
9.2
21.7
400.0
MMF6.0A
MMF6.0CA
6.0A
6.0CA
6.0
6.67
7.37
10
10.3
19.4
400.0
MMF6.5A
MMF6.5CA
6.5A
6.5CA
6.5
7.22
7.98
10
11.2
17.9
250.0
MMF7.0A
MMF7.0CA
7.0A
7.0CA
7.0
7.78
8.60
10
12.0
16.7
100.0
MMF7.5A
MMF7.5CA
7.5A
7.5CA
7.5
8.33
9.21
1
12.9
15.5
50.0
MMF8.0A
MMF8.0CA
8.0A
8.0CA
8.0
8.89
9.83
1
13.6
14.7
25.0
MMF8.5A
MMF8.5CA
8.5A
8.5CA
8.5
9.44
10.40
1
14.4
13.9
10.0
MMF9.0A
MMF9.0CA
9.0A
9.0CA
9.0
10.00
11.10
1
15.4
13.0
5.0
MMF10A
MMF10CA
10A
10CA
10.0
11.10
12.30
1
17.0
11.8
2.5
MMF11A
MMF11CA
11A
11CA
11.0
12.20
13.50
1
18.2
11.0
2.5
MMF12A
MMF12CA
12A
12CA
12.0
13.30
14.70
1
19.9
10.1
2.5
MMF13A
MMF13CA
13A
13CA
13.0
14.40
15.90
1
21.5
9.3
1
MMF14A
MMF14CA
14A
14CA
14.0
15.60
17.20
1
23.2
8.6
1
MMF15A
MMF15CA
15A
15CA
15.0
16.70
18.50
1
24.4
8.2
1
MMF16A
MMF16CA
16A
16CA
16.0
17.80
19.70
1
26.0
7.7
1
MMF17A
MMF17CA
17A
17CA
17.0
18.90
20.90
1
27.6
7.2
1
MMF18A
MMF18CA
18A
18CA
18.0
20.00
22.10
1
29.2
6.8
1
MMF20A
MMF20CA
20A
20CA
20.0
22.20
24.50
1
32.4
6.2
1
MMF22A
MMF22CA
22A
22CA
22.0
24.40
26.90
1
35.5
5.6
1
MMF24A
MMF24CA
24A
24CA
24.0
26.70
29.50
1
38.9
5.1
1
MMF26A
MMF26CA
26A
26CA
26.0
28.90
31.90
1
42.1
4.8
1
MMF28A
MMF28CA
28A
28CA
28.0
31.10
34.40
1
45.4
4.4
1
MMF30A
MMF30CA
30A
30CA
30.0
33.30
36.80
1
48.4
4.1
1
MMF33A
MMF33CA
33A
33CA
33.0
36.70
40.60
1
53.3
3.8
1
MMF36A
MMF36CA
36A
36CA
36.0
40.00
44.20
1
58.1
3.4
1
MMF40A
MMF40CA
40A
40CA
40.0
44.40
49.10
1
64.5
3.1
1
MMF43A
MMF43CA
43A
43CA
43.0
47.80
52.80
1
69.4
2.9
1
MMF45A
MMF45CA
45A
45CA
45.0
50.00
55.30
1
72.7
2.8
1
MMF48A
MMF48CA
48A
48CA
48.0
53.30
58,90
1
77.4
2.6
1
MMF51A
MMF51CA
51A
51CA
51.0
56.70
62.70
1
82.4
2.4
1
MMF54A
MMF54CA
54A
54CA
54.0
60.00
66.30
1
87.1
2.3
1
MMF58A
MMF58CA
58A
58CA
58.0
64.40
71.20
1
93.6
2.1
1
MMF60A
MMF60CA
60A
60CA
60.0
66.70
73.70
1
96.8
1.8
1
MMF64A
MMF64CA
64A
64CA
64.0
71.10
78.60
1
103.0
1.7
1
MMF70A
MMF70CA
70A
70CA
70.0
77.80
86.00
1
113.0
1.5
1
MMF75A
MMF75CA
75A
75CA
75.0
83.30
92.10
1
121.0
1.4
1
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double


Similar Part No. - MMF78A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MMF78A SUNMATE-MMF78A Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Shanghai Semitech Semic...
MMF78A SEMITECH-MMF78A Datasheet
130Kb / 4P
   Glass passivated junction
logo
Zibo Seno Electronic En...
MMF78A ZSELEC-MMF78A Datasheet
244Kb / 4P
   5.0 to 19 0Volts 200Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
MMF78A LEIDITECH-MMF78A Datasheet
485Kb / 4P
   Working peak reverse voltage range ??5.0V to 190V
More results

Similar Description - MMF78A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
   Low profile package
5KP SEMITECH-5KP Datasheet
508Kb / 4P
   Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
   Low profile package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com