Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP180CA Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # 5KP180CA
Description  Low profile package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

5KP180CA Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  5KP180CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 5KP180CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 5KP180CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 5KP180CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5KP Series
Rev. 2.0, 25-Nov.-16
WWW.SEMITECH.CN
Electrical Specification (TA=25@25°C unless otherwise specified)
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
5KP5.0A
5KP5.0CA
5.0
6.40
7.00
50
9.2
554.3
5000
5KP6.0A
5KP6.0CA
6.0
6.67
7.37
50
10.3
495.1
5000
5KP6.5A
5KP6.5CA
6.5
7.22
7.98
50
11.2
455.4
2000
5KP7.0A
5KP7.0CA
7.0
7.78
8.60
50
12.0
425.0
1000
5KP7.5A
5KP7.5CA
7.5
8.33
9.21
5
12.9
395.3
250
5KP8.0A
5KP8.0CA
8.0
8.89
9.83
5
13.6
375.0
150
5KP8.5A
5KP8.5CA
8.5
9.44
10.40
5
14.4
354.2
50
5KP9.0A
5KP9.0CA
9.0
10.00
11.10
5
15.4
331.2
20
5KP10A
5KP10CA
10.0
11.10
12.30
5
17.0
300.0
15
5KP11A
5KP11CA
11.0
12.20
13.50
5
18.2
280.2
2
5KP12A
5KP12CA
12.0
13.30
14.70
5
19.9
256.3
2
5KP13A
5KP13CA
13.0
14.40
15.90
5
21.5
237.2
2
5KP14A
5KP14CA
14.0
15.60
17.20
5
23.2
219.8
2
5KP15A
5KP15CA
15.0
16.70
18.50
5
24.4
209.0
2
5KP16A
5KP16CA
16.0
17.80
19.70
5
26.0
196.2
2
5KP17A
5KP17CA
17.0
18.90
20.90
5
27.6
184.8
2
5KP18A
5KP18CA
18.0
20.00
22.10
5
29.2
174.7
2
5KP20A
5KP20CA
20.0
22.20
24.50
5
32.4
157.4
2
5KP22A
5KP22CA
22.0
24.40
26.90
5
35.5
143.7
2
5KP24A
5KP24CA
24.0
26.70
29.50
5
38.9
131.1
2
5KP26A
5KP26CA
26.0
28.90
31.90
5
42.1
121.1
2
5KP28A
5KP28CA
28.0
31.10
34.40
5
45.4
112.3
2
5KP30A
5KP30CA
30.0
33.30
36.80
5
48.4
105.4
2
5KP33A
5KP33CA
33.0
36.70
40.60
5
53.3
95.7
2
5KP36A
5KP36CA
36.0
40.00
44.20
5
58.1
87.8
2
5KP40A
5KP40CA
40.0
44.40
49.10
5
64.5
79.1
2
5KP43A
5KP43CA
43.0
47.80
52.80
5
69.4
73.5
2
5KP45A
5KP45CA
45.0
50.00
55.30
5
72.7
70.2
2
5KP48A
5KP48CA
48.0
53.30
58,90
5
77.4
65.9
2
5KP51A
5KP51CA
51.0
56.70
62.70
5
82.4
61.9
2
5KP54A
5KP54CA
54.0
60.00
66.30
5
87.1
58.6
2
5KP58A
5KP58CA
58.0
64.40
71.20
5
93.6
54.5
2
5KP60A
5KP60CA
60.0
66.70
73.70
5
96.8
52.7
2
5KP64A
5KP64CA
64.0
71.10
78.60
5
103.0
49.5
2
5KP70A
5KP70CA
70.0
77.80
86.00
5
113.0
45.1
2
5KP75A
5KP75CA
75.0
83.30
92.10
5
121.0
42.1
2
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.


Similar Part No. - 5KP180CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
5KP180CA LITTELFUSE-5KP180CA Datasheet
980Kb / 6P
   Transient Voltage Suppression Diodes
logo
Diodes Incorporated
5KP180CA DIODES-5KP180CA Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
HuaXinAn Electronics CO...
5KP180CA HUAXINAN-5KP180CA Datasheet
365Kb / 5P
   5000W Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
5KP180CA LUGUANG-5KP180CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP180CA LUGUANG-5KP180CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP180CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
   Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
   Low profile package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com