Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPPAC10-01SI Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPPAC10-01SI
Description  In-System Programmable Analog Circuit
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPPAC10-01SI Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPPAC10-01SI Datasheet HTML 6Page - Lattice Semiconductor ISPPAC10-01SI Datasheet HTML 7Page - Lattice Semiconductor ISPPAC10-01SI Datasheet HTML 8Page - Lattice Semiconductor ISPPAC10-01SI Datasheet HTML 9Page - Lattice Semiconductor ISPPAC10-01SI Datasheet HTML 10Page - Lattice Semiconductor ISPPAC10-01SI Datasheet HTML 11Page - Lattice Semiconductor ISPPAC10-01SI Datasheet HTML 12Page - Lattice Semiconductor ISPPAC10-01SI Datasheet HTML 13Page - Lattice Semiconductor ISPPAC10-01SI Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Specifications ispPAC10
10
sequence every time the device is turned on, or anytime
it is commanded externally via the CAL pin or by a JTAG
programming command. With this feature, the degrada-
tion of device offset performance that could occur over
time and temperature is dramatically reduced. Specifi-
cally, this means one PACblock of an ispPAC10 in a gain
configuration of one is guaranteed to never have an input
offset error greater than 1mV, after being auto-cali-
brated. For higher gain settings when offset is especially
important, the error is not multiplied by gain, but is
instead divided by it, due to the unique architecture of the
ispPAC10. When an individual PACblock is configured in
a gain of ten, that results in an input referred offset error
that never exceeds 100
µV.
Internally, auto-calibration is accomplished by simulta-
neous successive approximation routines (SAR) to
determine the amount of offset error referred to each of
the four PACblock output amplifiers of the ispPAC10.
That error is then nulled by a calibration DAC for each
output amplifier. The calibration constant is not stored in
E2CMOS memory, but is recomputed each time the
device is powered up or auto-cal is otherwise initiated.
Initiation of auto-cal occurs when an ispPAC10 is pow-
ered on as part of its normal power on routine, or by a
positive going pulse to the CAL pin (Pin 20), or by issuing
the appropriate JTAG command.
During auto-cal, all ispPAC10 outputs are driven to 0V
and remain there until calibration is complete. The timing
for the calibration process is generated internally. At
power on, the sequence takes a maximum of 250ms, and
when auto-cal is initiated via the CAL pin or by JTAG
programming, it takes a maximum of 100ms to complete.
The longer time required at power on insures the device
power supply reaches its final value before calibration
begins. Additional attempts to initiate auto-cal once cali-
bration is in progress are ignored. Finally, the only direct
indication of auto-cal completion will be the device’s
outputs returning to operational values from the 0V
clamped state.
To insure maximum accuracy of the auto-cal procedure,
all digital signals to the ispPAC10 should be suspended
when calibration is in progress to avoid feed-through of
noise to critical analog circuitry. This is especially true
when auto-cal is initiated via JTAG command and the
programming port is in use. There is sufficient time,
however, to clock the JTAG controller back to its “reset”
state without affecting the calibration process.
Bandwidth Trim. The bandwidth of an OA PACell is
trimmed during manufacturing by adjusting the amplifier’s
feedback capacitance to optimize the step response. The
trimmed step response resembles that of a critically
damped system with minimum overshoot.
The bandwidth trim ensures a nominal feedback capaci-
tance is always present, limiting the small signal bandwidth
of an OA PACell to about 600kHz when configured in a
gain of 1 (G=1). This should not be confused with the
gain-bandwidth product of the op amp within the output
amplifier PACells which is approximately 5MHz. It is
important to note that the individual output amplifiers are
always in essentially the same fixed gain configuration
and do not, therefore, contribute to a decrease in signal
bandwidth at higher PACblock gain settings. Since the
gain of an individual PACblock is determined by varying
the gm of the input amplifier, bandwidth is not reduced in
direct proportion to gain, as it would be in a traditional
voltage feedback amplifier configuration. Specifically,
small signal bandwidth is only reduced by a factor of 2, not
the expected 10, with a PACblock gain setting change of
G=1 to G=10. This is a significant advantage of the
PACblock architecture.
Pole Accuracy Trim. Separate from the bandwidth trim
capacitance, each FilSum PACblock contains a range of
user selectable op amp feedback capacitance. This is
made possible by a parallel arrangement of seven ca-
pacitors, each in series with an E2CMOS switch. The user
controls the position of the switches when selecting from
the available capacitor values. The resulting capacitance
is in parallel with the op amp feedback element, IAF,
making 128 possible pole locations available. The ca-
pacitor values are not binarily weighted, instead they are
chosen to optimize and concentrate pole spacing below
100kHz. There are 122 poles between 10kHz
and
96kHz, which guarantees a step of no greater than 3.2%
anywhere in that frequency range (to the nearest com-
puted pole location). In fact, step size in over 50% of that
range is less than 1.0%. Finally, capacitors are trimmed
to achieve 5.0% accuracy (absolute) with regard to their
nominal value.
PACblock Transfer Function
The block diagram for a PACblock is shown in Figure 1.
The transfer function for a transconductor is:
IN
m
P
V
g
I
·
-
=
(1)
IN
m
M
V
g
I
·
=
(2)
Using KCL (Kirchoff’s current law) at the op amp inputs
and assuming the input is connected to IA1 only:
Theory of Operation (Continued)


Similar Part No. - ISPPAC10-01SI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01T48C LATTICE-ISPPAC-CLK5510V-01T48C Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01T48I LATTICE-ISPPAC-CLK5510V-01T48I Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01TN48C LATTICE-ISPPAC-CLK5510V-01TN48C Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01TN48I LATTICE-ISPPAC-CLK5510V-01TN48I Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
More results

Similar Description - ISPPAC10-01SI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC20 LATTICE-ISPPAC20 Datasheet
489Kb / 32P
   In-System Programmable Analog Circuit
ISPPAC30 LATTICE-ISPPAC30 Datasheet
379Kb / 30P
   In-System Programmable Analog Circuit
PAC80 LATTICE-PAC80 Datasheet
342Kb / 19P
   In-System Programmable Analog Circuit
ISPPAC81 LATTICE-ISPPAC81 Datasheet
176Kb / 20P
   In-System Programmable Analog Circuit
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Summit Microelectronics...
SMD1108 SUMMIT-SMD1108 Datasheet
717Kb / 29P
   8-Channel Auto-Monitor ADC In System Programmable Analog (ISPA) Device
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
logo
Xilinx, Inc
XC18V00 XILINX-XC18V00_08 Datasheet
315Kb / 24P
   XC18V00 Series In-System-Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
   Platform Flash In-System Programmable
logo
ATMEL Corporation
ATTINY4 ATMEL-ATTINY4_14 Datasheet
1Mb / 34P
   Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com