Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE33A Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # P6KE33A
Description  Glass passivated junction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

P6KE33A Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  P6KE33A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd P6KE33A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd P6KE33A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd P6KE33A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P6KE Series
Rev. 2.0, 21-Nov.-16
WWW.SEMITECH.CN
Electrical Specification (TA=25@25°C unless otherwise specified)
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P6KE6.8A
P6KE6.8CA
5.80
6.45
7.14
10
10.5
58.1
1000
P6KE7.5A
P6KE7.5CA
6.40
7.13
7.88
10
11.3
54.0
500
P6KE8.2A
P6KE8.2CA
7.02
7.79
8.61
10
12.1
50.4
200
P6KE9.1A
P6KE9.1CA
7.78
8.65
9.55
1
13.4
45.5
50
P6KE10A
P6KE10CA
8.55
9.50
10.50
1
14.5
42.1
10
P6KE11A
P6KE11CA
9.40
10.50
11.60
1
15.6
39.1
5
P6KE12A
P6KE12CA
10.20
11.40
12.60
1
16.7
36.5
5
P6KE13A
P6KE13CA
11.10
12.40
13.70
1
18.2
33.5
1
P6KE15A
P6KE15CA
12.80
14.30
15.80
1
21.2
28.8
1
P6KE16A
P6KE16CA
13.60
15.20
16.80
1
22.5
27.1
1
P6KE18A
P6KE18CA
15.30
17.10
18.90
1
25.2
24.2
1
P6KE20A
P6KE20CA
17.10
19.00
21.00
1
27.7
22.0
1
P6KE22A
P6KE22CA
18.80
20.90
23.10
1
30.6
19.9
1
P6KE24A
P6KE24CA
20.50
22.80
25.20
1
33.2
18.4
1
P6KE27A
P6KE27CA
23.10
25.70
28.40
1
37.5
16.3
1
P6KE30A
P6KE30CA
25.60
28.50
31.50
1
41.4
14.7
1
P6KE33A
P6KE33CA
28.20
31.40
34.70
1
45.7
13.3
1
P6KE36A
P6KE36CA
30.80
34.20
37.80
1
49.9
12.2
1
P6KE39A
P6KE39CA
33.30
37.10
41.00
1
53.9
11.3
1
P6KE43A
P6KE43CA
36.80
40.90
45.20
1
59.3
10.3
1
P6KE47A
P6KE47CA
40.20
44.70
49.40
1
64.8
9.4
1
P6KE51A
P6KE51CA
43.60
48.50
53.60
1
70.1
8.7
1
P6KE56A
P6KE56CA
47.80
53.20
58.80
1
77.0
7.9
1
P6KE62A
P6KE62CA
53.00
58.90
65.10
1
85.0
7.2
1
P6KE68A
P6KE68CA
58.10
64.60
71.40
1
92.0
6.6
1
P6KE75A
P6KE75CA
64.10
71.30
78.80
1
103.0
5.9
1
P6KE82A
P6KE82CA
70.10
77.90
86.10
1
113.0
5.4
1
P6KE91A
P6KE91CA
77.80
86.50
95.50
1
125.0
4.9
1
P6KE100A
P6KE100CA
85.50
95.00
105.00
1
137.0
4.5
1
P6KE110A
P6KE110CA
94.00
105.00
116.00
1
152.0
4.0
1
P6KE120A
P6KE120CA
102.00
114.00
126.00
1
165.0
3.7
1
P6KE130A
P6KE130CA
111.00
124.00
137.00
1
179.0
3.4
1
P6KE150A
P6KE150CA
128.00
143.00
158.00
1
207.0
2.9
1
P6KE160A
P6KE160CA
136.00
152.00
168.00
1
219.0
2.8
1
P6KE170A
P6KE170CA
145.00
162.00
179.00
1
234.0
2.6
1
P6KE180A
P6KE180CA
154.00
171.00
189.00
1
246.0
2.5
1
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.


Similar Part No. - P6KE33A

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
P6KE33A HY-P6KE33A Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
DAESAN ELECTRONIC CORP.
P6KE33A DAESAN-P6KE33A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
List of Unclassifed Man...
P6KE33A ETC2-P6KE33A Datasheet
330Kb / 4P
   Transient Voltage Suppressor
logo
Motorola, Inc
P6KE33A MOTOROLA-P6KE33A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
STMicroelectronics
P6KE33A STMICROELECTRONICS-P6KE33A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
More results

Similar Description - P6KE33A

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com