Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB20A Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # P6SMB20A
Description  Excellent clamping capability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

P6SMB20A Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  P6SMB20A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd P6SMB20A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd P6SMB20A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd P6SMB20A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd P6SMB20A Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P6SMB Series
Rev. 2.0, 10-Nov.-16
WWW.SEMITECH.CN
Electrical Specification @ Tamb 25°C
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P6SMB6.8A
P6SMB6.8CA
5.80
6.45
7.14
10
10.5
58.1
1000
P6SMB7.5A
P6SMB7.5CA
6.40
7.13
7.88
10
11.3
54.0
500
P6SMB8.2A
P6SMB8.2CA
7.02
7.79
8.61
10
12.1
50.4
200
P6SMB9.1A
P6SMB9.1CA
7.78
8.65
9.55
1
13.4
45.5
50
P6SMB10A
P6SMB10CA
8.55
9.50
10.50
1
14.5
42.1
10
P6SMB11A
P6SMB11CA
9.40
10.50
11.60
1
15.6
39.1
5
P6SMB12A
P6SMB12CA
10.20
11.40
12.60
1
16.7
36.5
5
P6SMB13A
P6SMB13CA
11.10
12.40
13.70
1
18.2
33.5
1
P6SMB15A
P6SMB15CA
12.80
14.30
15.80
1
21.2
28.8
1
P6SMB16A
P6SMB16CA
13.60
15.20
16.80
1
22.5
27.1
1
P6SMB18A
P6SMB18CA
15.30
17.10
18.90
1
25.2
24.2
1
P6SMB20A
P6SMB20CA
17.10
19.00
21.00
1
27.7
22.0
1
P6SMB22A
P6SMB22CA
18.80
20.90
23.10
1
30.6
19.9
1
P6SMB24A
P6SMB24CA
20.50
22.80
25.20
1
33.2
18.4
1
P6SMB27A
P6SMB27CA
23.10
25.70
28.40
1
37.5
16.3
1
P6SMB30A
P6SMB30CA
25.60
28.50
31.50
1
41.4
14.7
1
P6SMB33A
P6SMB33CA
28.20
31.40
34.70
1
45.7
13.3
1
P6SMB36A
P6SMB36CA
30.80
34.20
37.80
1
49.9
12.2
1
P6SMB39A
P6SMB39CA
33.30
37.10
41.00
1
53.9
11.3
1
P6SMB43A
P6SMB43CA
36.80
40.90
45.20
1
59.3
10.3
1
P6SMB47A
P6SMB47CA
40.20
44.70
49.40
1
64.8
9.4
1
P6SMB51A
P6SMB51CA
43.60
48.50
53.60
1
70.1
8.7
1
P6SMB56A
P6SMB56CA
47.80
53.20
58.80
1
77.0
7.9
1
P6SMB62A
P6SMB62CA
53.00
58.90
65.10
1
85.0
7.2
1
P6SMB68A
P6SMB68CA
58.10
64.60
71.40
1
92.0
6.6
1
P6SMB75A
P6SMB75CA
64.10
71.30
78.80
1
103.0
5.9
1
P6SMB82A
P6SMB82CA
70.10
77.90
86.10
1
113.0
5.4
1
P6SMB91A
P6SMB91CA
77.80
86.50
95.50
1
125.0
4.9
1
P6SMB100A
P6SMB100CA
85.50
95.00
105.00
1
137.0
4.5
1
P6SMB110A
P6SMB110CA
94.00
105.00
116.00
1
152.0
4.0
1
P6SMB120A
P6SMB120CA
102.00
114.00
126.00
1
165.0
3.7
1
P6SMB130A
P6SMB130CA
111.00
124.00
137.00
1
179.0
3.4
1
P6SMB150A
P6SMB150CA
128.00
143.00
158.00
1
207.0
2.9
1
P6SMB160A
P6SMB160CA
136.00
152.00
168.00
1
219.0
2.8
1
P6SMB170A
P6SMB170CA
145.00
162.00
179.00
1
234.0
2.6
1
P6SMB180A
P6SMB180CA
154.00
171.00
189.00
1
246.0
2.5
1
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.


Similar Part No. - P6SMB20A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB20A CENTRAL-P6SMB20A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Vishay Siliconix
P6SMB20A VISHAY-P6SMB20A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
Littelfuse
P6SMB20A LITTELFUSE-P6SMB20A Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
P6SMB20A LUGUANG-P6SMB20A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
P6SMB20A LUGUANG-P6SMB20A Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
More results

Similar Description - P6SMB20A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com